Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL4501SHN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 2 Page - NXP Semiconductors

  ASL4501SHN Datasheet HTML 1Page - NXP Semiconductors ASL4501SHN Datasheet HTML 2Page - NXP Semiconductors ASL4501SHN Datasheet HTML 3Page - NXP Semiconductors ASL4501SHN Datasheet HTML 4Page - NXP Semiconductors ASL4501SHN Datasheet HTML 5Page - NXP Semiconductors ASL4501SHN Datasheet HTML 6Page - NXP Semiconductors ASL4501SHN Datasheet HTML 7Page - NXP Semiconductors ASL4501SHN Datasheet HTML 8Page - NXP Semiconductors ASL4501SHN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
2 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
3.
Features and benefits
The ASL4501SHN is an automotive grade product that is AEC-Q100 grade 1 qualified
Operating ambient temperature range of
40 C to +125 C
Wide operating input voltage range from 5.5 V to 40 V
Output voltage programmable via SPI
Multi-phase operation for higher power
Up to four phases per output
Up to two flexible output voltages with 3 % accuracy programmable via SPI
Both output voltages can be controlled independently
Fixed frequency operation via built-in oscillator
Slope compensation tracks the frequency and output voltage
Programmable control loop compensation
Fast high efficiency field-effect transistor (FET) switching
Programmable internal gate driver voltage regulator
Gate switching is halted when overvoltage on output is detected
Supports both logic level and standard level FETs
Low electromagnetic emission (EME) and high electromagnetic immunity (EMI)
Output voltage monitoring
Supply voltage measurement
Control signal to enable the device
Read back programmed voltage and frequency range via SPI
Junction temperature monitoring via SPI
Small package outline HVQFN32
Low quiescent current < 5
A at 25 C when EN = 0
Accurate power dissipation in phases assigned to one output
4.
Applications
Automotive LED lighting
Low beam
High beam
Daytime running lights
Turn indicator
Position or park light
Front fog light
Cornering light
Advanced front lighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com