Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL4501SHN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 4 Page - NXP Semiconductors

  ASL4501SHN Datasheet HTML 1Page - NXP Semiconductors ASL4501SHN Datasheet HTML 2Page - NXP Semiconductors ASL4501SHN Datasheet HTML 3Page - NXP Semiconductors ASL4501SHN Datasheet HTML 4Page - NXP Semiconductors ASL4501SHN Datasheet HTML 5Page - NXP Semiconductors ASL4501SHN Datasheet HTML 6Page - NXP Semiconductors ASL4501SHN Datasheet HTML 7Page - NXP Semiconductors ASL4501SHN Datasheet HTML 8Page - NXP Semiconductors ASL4501SHN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
4 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration
aaa-024029
Transparent top view
GND
17
19
20
21
22
23
24
18
SNL3
GND
G3
VGG2
G4
GND
SNH4
SNH3
8
6
5
4
3
2
1
7
SNH2
G2
VGG1
G1
GND
SNH1
SNL1
terminal 1
index area
GND
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
ASL4501SHN
Table 2.
Pin description[1]
Symbol
Pin
Description
SNL1
1
phase 1 sense low
SNH1
2
phase 1 sense high
GND
3
ground
G1
4
phase 1 gate driver
VGG1
5
gate driver supply 1[2]
G2
6
phase 2 gate driver
GND
7
ground
SNH2
8
phase 2 sense high
SNL2
9
phase 2 sense low
n.c.
10
not connected
FB1
11
feedback; to be connected to Vout1[3]
n.c.
12
not connected
VBAT
13
battery supply
n.c.
14
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com