Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL4501SHN Datasheet(PDF) 23 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 19Page - NXP Semiconductors ASL4501SHN Datasheet HTML 20Page - NXP Semiconductors ASL4501SHN Datasheet HTML 21Page - NXP Semiconductors ASL4501SHN Datasheet HTML 22Page - NXP Semiconductors ASL4501SHN Datasheet HTML 23Page - NXP Semiconductors ASL4501SHN Datasheet HTML 24Page - NXP Semiconductors ASL4501SHN Datasheet HTML 25Page - NXP Semiconductors ASL4501SHN Datasheet HTML 26Page - NXP Semiconductors ASL4501SHN Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
23 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
8.10 Diagnostic information
The diagnostic register contains useful information for diagnostic purposes. Details for
each bit can be found in the following subchapters.
8.10.1 Bit VIN_OV
The bit VIN_OV depends on the battery monitoring functionality as described in
Section 8.8. It indicates that the device has detected an overvoltage condition and entered
the fail silent mode. A write access to the diagnostic register, or once the off mode is
entered, clears the bit. The device stays in fail silent mode irrespective of the clearing of
the bit.
8.10.2 Bit VIN_UV
The bit VIN_UV depends on the battery monitoring functionality as described in
Section 8.8. It indicates that the device has detected an undervoltage condition and
entered the fail silent mode. A write access to the diagnostic register, or once the off mode
is entered, clears the bit. The device stays in fail silent mode irrespective of the clearing of
the bit.
8.10.3 Bit SPI_err
The device evaluates all SPI accesses to the device for the correctness of the commands.
When the command is not allowed, the SPI_err bit is set. A write access to the diagnostic
register, or once off mode has been entered, clears the bit.
Table 35.
Diagnostic register (address 5Fh)
Bit Symbol
Description
Value Function
7
Vout1_ok Vout1 regulated
0
Vout1 is deviating from the target value
1
Vout1 is regulated to the target value
6
Vout2_ok Vout2 regulated
0
Vout2 is deviating from the target value
1
Vout2 is regulated to the target value
5
VGG_ok
gate driver regulation
is ok
0
gate driver is not available
1
gate driver is available
4
Tj_err
device temperature
is too high
0
device temperature below 175
C
1
device temperature above 175
C
3
VIN_UV
VIN undervoltage
0
undervoltage not detected at VIN
1
undervoltage detected at VIN
2
VIN_OV
VIN overvoltage
0
overvoltage not detected at VIN
1
overvoltage detected at VIN
1
SPI_err
SPI error
0
last SPI command was executed correctly
1
last SPI command was erroneous and has been
discarded
0
VGG_err
VGG error
0
VGG overload protection not active
1
VGG overload protection has turned on and VGG is
deactivated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com