Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL4501SHN Datasheet(PDF) 9 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 5Page - NXP Semiconductors ASL4501SHN Datasheet HTML 6Page - NXP Semiconductors ASL4501SHN Datasheet HTML 7Page - NXP Semiconductors ASL4501SHN Datasheet HTML 8Page - NXP Semiconductors ASL4501SHN Datasheet HTML 9Page - NXP Semiconductors ASL4501SHN Datasheet HTML 10Page - NXP Semiconductors ASL4501SHN Datasheet HTML 11Page - NXP Semiconductors ASL4501SHN Datasheet HTML 12Page - NXP Semiconductors ASL4501SHN Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
9 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
8.2.1 Virtual phase configuration
The ASL4501SHN can generate up to four internal phases at up to two virtual outputs.
With the internal phase control enable registers, it can be selected, how many virtual
phases are generated for the individual virtual outputs.
Fig 5.
Mapping of virtual phases (V1_1 to V2_4) to physical phases (G1 to G4)
aaa-015305
V1_1
CONTROL
LOOP 1
FLEXIBLE
MAPPING
VIA
REGISTER
SETTINGS
CONTROL
LOOP 2
V1_2
V1_3
G1
G2
G3
G4
V1_4
V2_1
V2_2
V2_3
V2_4
Table 4.
Internal phase control enable for phase logic 1 (address 0Bh)
Bit
Symbol
Description
Value
Function
7 to 4 -
reserved
0000
reserved for future use: keep clear
3
EN_P4_1 phase 4 enabled
0
phase 4 is off
1
phase 4 is enabled
2
EN_P3_1 phase 3 enabled
0
phase 3 is off
1
phase 3 is enabled
1
EN_P2_1 phase 2 enabled
0
phase 2 is off
1
phase 2 is enabled
0
EN_P1_1 phase 1 enabled
0
phase 1 is off
1
phase 1 is enabled
Table 5.
Internal phase control enable for phase logic 2 (address 0Ch)
Bit
Symbol
Description
Value
Function
7 to 4 -
reserved
0000
reserved for future use: keep clear
3
EN_P4_2 phase 4 enabled
0
phase 4 is off
1
phase 4 is enabled
2
EN_P3_2 phase 3 enabled
0
phase 3 is off
1
phase 3 is enabled
1
EN_P2_2 phase 2 enabled
0
phase 2 is off
1
phase 2 is enabled
0
EN_P1_2 phase 1 enabled
0
phase 1 is off
1
phase 1 is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com