Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL4501SHN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 1 Page - NXP Semiconductors

  ASL4501SHN Datasheet HTML 1Page - NXP Semiconductors ASL4501SHN Datasheet HTML 2Page - NXP Semiconductors ASL4501SHN Datasheet HTML 3Page - NXP Semiconductors ASL4501SHN Datasheet HTML 4Page - NXP Semiconductors ASL4501SHN Datasheet HTML 5Page - NXP Semiconductors ASL4501SHN Datasheet HTML 6Page - NXP Semiconductors ASL4501SHN Datasheet HTML 7Page - NXP Semiconductors ASL4501SHN Datasheet HTML 8Page - NXP Semiconductors ASL4501SHN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1.
Introduction
The ASL4501SHN is a highly integrated and flexible four-phase DC-to-DC boost
converter IC. It has a serial peripheral interface (SPI) allowing control and diagnostic
communication with an external microcontroller.
It is designed primarily for use in automotive LED lighting applications and provides an
optimized supply voltage for ASLx41xSHN multichannel LED buck driver.
2.
General description
The ASL4501SHN has a fixed frequency peak current mode control with
parabolic/non-linear slope compensation. It can operate with input voltages from 5.5 V to
40 V. It can be configured via SPI for output voltages of up to 80 V, to power the LED buck
driver IC.
The ASL4501SHN is a four-phase converter which can have two independent outputs.
The driver has the flexibility to be configured, via the SPI, as a single output converter, or
with multiple combinations of number of outputs and phases.
The ASL4501SHN boost converter can drive up to four external low-side N channel
metal-oxide-semiconductor field-effect transistors (MOSFETs) from an internally regulated
adjustable supply. It can be used to drive either logic or standard level MOSFETs.
The integrated SPI also allows for programming the supply under/overvoltage range,
output voltage range and DC-to-DC switching frequency. It enables the optimization of
external components and flexibility for electromagnetic compatibility (EMC) design. This
interface can also be used to provide diagnostic information such as the driver
temperature.
Additional features include protection against load dump transient voltages of up to 60 V
and thermal shutdown when the junction temperature of the ASL4501SHN exceeds
+175
C.
The device is housed in a very small HVQFN32 pin package and is designed to meet the
stringent requirements of automotive applications. It is fully AEC-Q100 grade 1 qualified.
It operates over the
40 C to +125 C ambient automotive temperature range.
ASL4501SHN
Four-phase boost converter
Rev. 2 — 10 January 2018
Product data sheet


Similar Part No. - ASL4501SHN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ASL4500SHN NXP-ASL4500SHN Datasheet
1Mb / 41P
Four-phase boost converter
Rev. 6-26 October 2017
More results

Similar Description - ASL4501SHN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
Low Start-up Voltage Boost Converter with Four SPDT Switches
logo
International Rectifier
IRFH5053TRPBF IRF-IRFH5053TRPBF Datasheet
258Kb / 9P
3 Phase Boost Converter Applications
IRFH5053PBF IRF-IRFH5053PBF_15 Datasheet
258Kb / 9P
3 Phase Boost Converter Applications
logo
New Japan Radio
NJW4141 NJRC-NJW4141 Datasheet
419Kb / 13P
2 - phase Boost Converter Switching Regulator IC
logo
Recom International Pow...
R-78S RECOM-R-78S Datasheet
457Kb / 5P
Boost Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1558 HMSEMI-HM1558 Datasheet
1Mb / 8P
Boost Converter
logo
NXP Semiconductors
ASL1500SHN NXP-ASL1500SHN Datasheet
1Mb / 36P
Single phase boost converter
Rev. 4-26 October 2017
ASL2500SHN NXP-ASL2500SHN Datasheet
1Mb / 39P
Two phase boost converter
Rev. 3-26 October 2017
ASL4500SHN NXP-ASL4500SHN Datasheet
1Mb / 41P
Four-phase boost converter
Rev. 6-26 October 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com