Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL4501SHN Datasheet(PDF) 32 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 28Page - NXP Semiconductors ASL4501SHN Datasheet HTML 29Page - NXP Semiconductors ASL4501SHN Datasheet HTML 30Page - NXP Semiconductors ASL4501SHN Datasheet HTML 31Page - NXP Semiconductors ASL4501SHN Datasheet HTML 32Page - NXP Semiconductors ASL4501SHN Datasheet HTML 33Page - NXP Semiconductors ASL4501SHN Datasheet HTML 34Page - NXP Semiconductors ASL4501SHN Datasheet HTML 35Page - NXP Semiconductors ASL4501SHN Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
32 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
9.
Limiting values
[1]
VGG1 and VGG2 are IC internally connected (shorted).
[2]
HBM according to AEC-Q100-002 (100 pF, 1.5 k
).
[3]
CDM according to AEC-Q100-011 (field induced charge; 4 pF).
10. Thermal characteristics
[1]
In accordance with JEDEC, JESD51-2, JESD51-5 and JESD51-7 with natural convection on 2s2p board. Board with two inner copper
layers (thickness: 35
m) and thermal via array, under the exposed pad connected to the first inner copper layer.
Table 43.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VBAT
battery supply voltage
EN = LOW
0.3
+60
V
EN = HIGH
0.3
+40
V
VVCC
voltage on pin VCC
0.3
+5.5
V
VGND
ground supply voltage
voltage between ground pins
0.6
+0.6
V
VFBx
voltage on feedback pins
FB1 and FB2
0.3
+90
V
VO
output voltage
programmed target voltage according to
registers 0x03h and 0x04h
10
80
V
VI(dig)
digital input voltage
voltage on digital pins SDO, SDI, CSB, SCLK
and EN
0.3
+5.5
V
VVGG
voltage on pin VGG
VGG1
[1]
0.3
+20
V
VGG2
[1]
0.3
+20
V
Vsense
sense voltage
voltage on sense pins SNH1, SNH2, SNH3,
SNH4, SNL1, SNL2, SNL3 and SNL4
0.3
+1.8
V
VGx
voltage on gate pins
voltage on gate pins G1, G2, G3 and G4
0.3
+10
V
Tj
junction temperature
40
+175
C
Tstg
storage temperature
55
+175
C
VESD
electrostatic discharge voltage
[2]
2+2
kV
[3]
500
+500
V
Table 44.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(tot)
total thermal resistance
[1] 37
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com