Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL4501SHN Datasheet(PDF) 30 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 26Page - NXP Semiconductors ASL4501SHN Datasheet HTML 27Page - NXP Semiconductors ASL4501SHN Datasheet HTML 28Page - NXP Semiconductors ASL4501SHN Datasheet HTML 29Page - NXP Semiconductors ASL4501SHN Datasheet HTML 30Page - NXP Semiconductors ASL4501SHN Datasheet HTML 31Page - NXP Semiconductors ASL4501SHN Datasheet HTML 32Page - NXP Semiconductors ASL4501SHN Datasheet HTML 33Page - NXP Semiconductors ASL4501SHN Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
30 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
8.11.4.2
Configuration registers
The configuration registers inside the control block can only be written in configuration
mode. In the other modes, this register can only be read.
Table 40.
Configuration register group overview
Address Name
Reset
value
7
6
5
4
3
2
1
0
02h
gate driver output
00h
-
-
-
-
O_G4
O_G3
O_G2
O_G1
09h
clock divider for
output 1
0Fh
Clkdiv1[7:0]
0Ah
clock divider for
output 2
0Fh
Clkdiv2[7:0]
0Bh
internal phases
output 1
0Fh
-
-
-
-
EN_P4_1 EN_P3_1 EN_P2_1 EN_P1_1
0Ch
internal phases
output 2
0Fh
-
-
-
-
EN_P4_2 EN_P3_2 EN_P2_2 EN_P1_2
0Dh
phase off and delay
output 1
39h
Phdel1[4:0]
Phoff1[2:0]
0Eh
phase off and delay
output 2
39h
Phdel2[4:0]
Phoff2[2:0]
0Fh
gate driver phase
00h
-
-
-
-
O_GP4
O_GP3
O_GP2
O_GP1
10h
phase selection
configuration
E4h
Phsel4[1:0]
Phsel3[1:0]
Phsel2[1:0]
Phsel1[1:0]
11h
loop filter
proportional
configuration
00h
Prop2[3:0]
Prop1[3:0]
12h
loop filter integral
configuration
00h
Integ2[3:0]
Integ1[3:0]
13h
slope compensation
configuration
88h
Slpcmp2[3:0]
Slpcmp1[3:0]
14h
current sense slope
resistor
configuration
00h
Slpr4[1:0]
Slpr3[1:0]
Slpr2[1:0]
Slpr1[1:0]
15h
gate driver control
FFh
VGG[7:0]
1Ah
overvoltage
detection threshold
FFh
V_VIN_OV[7:0]
1Bh
undervoltage
detection threshold
00h
V_VIN_UV[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com