Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL4501SHN Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 9Page - NXP Semiconductors ASL4501SHN Datasheet HTML 10Page - NXP Semiconductors ASL4501SHN Datasheet HTML 11Page - NXP Semiconductors ASL4501SHN Datasheet HTML 12Page - NXP Semiconductors ASL4501SHN Datasheet HTML 13Page - NXP Semiconductors ASL4501SHN Datasheet HTML 14Page - NXP Semiconductors ASL4501SHN Datasheet HTML 15Page - NXP Semiconductors ASL4501SHN Datasheet HTML 16Page - NXP Semiconductors ASL4501SHN Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
13 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
Note: To obtain the best performance of the internal slope compensation, keep the
settings of the delay between the phases as close to 32 as possible.
8.2.6 Control loop parameter settings
The ASL4501SHN is able to operate with a wide range of external components and offers
a wide range of operating frequencies. To achieve maximum performance for each set of
operation conditions, set the control loop parameters in accordance with the external
components and operating frequency.
Table 10.
Clock divider for Vout1 (address 09h)
Bit
Symbol
Description
Value
Function
7 to 0 Clkdiv1[7:0]
clock divider for phase
logic 1
00h
clock is not divided
...
clock is divided by Clkdiv1[7:0] + 1
FFh
clock is divided by 256
Table 11.
Clock divider for Vout2 (address 0Ah)
Bit
Symbol
Description
Value
Function
7 to 0 Clkdiv2[7:0]
clock divider for phase
logic 2
00h
clock is not divided
...
clock is divided by Clkdiv2[7:0] + 1
FFh
clock is divided by 256
Table 12.
Phase-off time and phase delay of output 1 (address 0Dh)
Bit
Symbol
Description
Value Function
7 to 3 Phdel1[4:0] delay to next
phase of phase
logic 1
0h
phase delay is 1 clock period of the divided clock
...
phase delay is Phdel1[4:0] + 1 clock period of the
divided clock
1Fh
phase delay is 32 clock periods of the divided clock
2 to 0 Phoff1[2:0]
phase-off time
of phase logic 1
0h
phase-off time is 1 clock period of the divided clock
...
phase-off time is Phoff1[2:0] clock period of the
divided clock
7h
phase-off time is 7 clock periods of the divided clock
Table 13.
Phase-off time and phase delay of output 2 (address 0Eh)
Bit
Symbol
Description
Value Function
7 to 3 Phdel2[4:0] delay to next
phase of phase
logic 2
0h
phase delay is 1 clock period of the divided clock
...
phase delay is Phdel2[4:0] + 1 clock period of the
divided clock
1Fh
phase delay is 32 clock periods of the divided clock
2 to 0 Phoff2[2:0]
phase-off time
of phase logic 2
0h
phase-off time is 1 clock period of the divided clock
...
phase-off time is Phoff2[2:0] clock period of the
divided clock
7h
phase-off time is 7 clock periods of the divided clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com