Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70169A Datasheet(PDF) 23 Page - NXP Semiconductors

Part # 98ASH70169A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70169A Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button 98ASH70169A Datasheet HTML 19Page - NXP Semiconductors 98ASH70169A Datasheet HTML 20Page - NXP Semiconductors 98ASH70169A Datasheet HTML 21Page - NXP Semiconductors 98ASH70169A Datasheet HTML 22Page - NXP Semiconductors 98ASH70169A Datasheet HTML 23Page - NXP Semiconductors 98ASH70169A Datasheet HTML 24Page - NXP Semiconductors 98ASH70169A Datasheet HTML 25Page - NXP Semiconductors 98ASH70169A Datasheet HTML 26Page - NXP Semiconductors 98ASH70169A Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
7.2 NVM specifications
This section provides details about program/erase times and program/erase endurance for
the flash and EEPROM memories.
Table 12. Flash clock characteristics
C
Characteristic
Symbol
Min
Typical
Max
Unit
D
Supply voltage for program/erase
across the operating temperature range
Vprog/erase
2.7
—
5.5
V
D
Supply voltage for read operation
VRead
2.7
—
5.5
V
D
NVM Bus frequency
fNVMBUS
1
—
20
MHz
D
NVM operating frequency
fNVMOP
0.8
1.0
1.05
MHz
C
FLASH Program/erase endurance TL to
TH in the operating temperature range
nFLPE
10 k
100 k
—
Cycles
C
EEPROM Program/erase endurance TL
to TH in the operating temperature
range
nFLPE
50 k
500 k
—
Cycles
C
Data retention at an average junction
temperature of TJavg = 85°C after up to
10,000 program/erase cycles
tD_ret
15
100
—
years
All timing parameters are a function of the bus clock frequency, FNVMBUS. All program
and erase times are also a function of the NVM operating frequency, fNVMOP.
Each command timing is given by:
tcommand=fNVMOP cycle × 1/fNVMOP + fNVMBUS cycle × 1/fNVMBUS
Table 13. Flash timing characteristics
C
Characteristic
Symbol
fNVMOP cycle
fNVMBUS cycle
D
Erase Verify All Blocks
tVFYALL
—
5050
D
Erase Verify Flash Block
tRD1BLK
—
4631
D
Erase Verify EEPROM Block
tRD1BLK
—
810
D
Erase Verify Flash Section
tRD1SEC
—
494
D
Erase Verify EEPROM Section
tDRD1SEC
—
555
D
Read Once
tRDONCE
—
450
D
Program Flash (2 word)
tPGM2
68
1407
D
Program Flash (4 word)
tPGM4
122
2138
D
Program Once
tPGMONCE
122
2090
D
Program EEPROM (1 Byte)
tDPGM1
47
1371
D
Program EEPROM (2 Byte)
tDPGM2
94
2120
D
Program EEPROM (3 Byte)
tDPGM3
141
2869
D
Program EEPROM (4 Byte)
tDPGM4
188
3618
D
Erase All Blocks
tERSALL
100066
5455
Table continues on the next page...
Peripheral operating requirements and behaviors
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com