Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70169A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 98ASH70169A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70169A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 98ASH70169A Datasheet HTML 6Page - NXP Semiconductors 98ASH70169A Datasheet HTML 7Page - NXP Semiconductors 98ASH70169A Datasheet HTML 8Page - NXP Semiconductors 98ASH70169A Datasheet HTML 9Page - NXP Semiconductors 98ASH70169A Datasheet HTML 10Page - NXP Semiconductors 98ASH70169A Datasheet HTML 11Page - NXP Semiconductors 98ASH70169A Datasheet HTML 12Page - NXP Semiconductors 98ASH70169A Datasheet HTML 13Page - NXP Semiconductors 98ASH70169A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Table 3. DC characteristics (continued)
Symbol
C
Descriptions
Min
Typical1
Max
Unit
|IOZ|
P
Hi-Z (off-
state) leakage
current
All input/output (per
pin)
VIN = VDD or
VSS
—
0.1
1
µA
|IOZTOT|
C
Total leakage
combined for
all inputs and
Hi-Z pins
All input only and I/O VIN = VDD or
VSS
—
—
2
µA
RPU
P
Pullup
resistors
All digital inputs,
when enabled (all I/O
pins other than PTA2
and PTA3)
—
30.0
—
50.0
kΩ
RPU3
P
Pullup
resistors
PTA2 and PTA3 pin
—
30.0
—
60.0
kΩ
IIC
D
DC injection
current4, 5, 6
Single pin limit
VIN < VSS,
VIN > VDD
-0.2
—
2
mA
Total MCU limit,
includes sum of all
stressed pins
-5
—
25
CIn
C
Input capacitance, all pins
—
—
—
7
pF
VRAM
C
RAM retention voltage
—
2.0
—
—
V
1. Typical values are measured at 25 °C. Characterized, not tested.
2. Only PTB4, PTB5, PTD0, PTD1 support ultra high current output.
3. The specified resistor value is the actual value internal to the device. The pullup value may appear higher when measured
externally on the pin.
4. All functional non-supply pins, except for , are internally clamped to VSS and VDD.
5. Input must be current-limited to the value specified. To determine the value of the required current-limiting resistor,
calculate resistance values for positive and negative clamp voltages, then use the large one.
6. Power supply must maintain regulation within operating VDD range during instantaneous and operating maximum current
conditions. If the positive injection current (VIn > VDD) is higher than IDD, the injection current may flow out of VDD and could
result in external power supply going out of regulation. Ensure that external VDD load will shunt current higher than
maximum injection current when the MCU is not consuming power, such as no system clock is present, or clock rate is
very low (which would reduce overall power consumption).
Table 4. LVD and POR Specification
Symbol
C
Description
Min
Typ
Max
Unit
VPOR
D
POR re-arm voltage1, 2
1.5
1.75
2.0
V
VLVDH
C
Falling low-voltage detect
threshold - high range (LVDV
= 1)3
4.2
4.3
4.4
V
VLVW1H
C
Falling low-
voltage
warning
threshold -
high range
Level 1 falling
(LVWV = 00)
4.3
4.4
4.5
V
VLVW2H
C
Level 2 falling
(LVWV = 01)
4.5
4.5
4.6
V
VLVW3H
C
Level 3 falling
(LVWV = 10)
4.6
4.6
4.7
V
VLVW4H
C
Level 4 falling
(LVWV = 11)
4.7
4.7
4.8
V
Table continues on the next page...
Nonswitching electrical specifications
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
10
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com