Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70169A Datasheet(PDF) 29 Page - NXP Semiconductors

Part # 98ASH70169A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70169A Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button 98ASH70169A Datasheet HTML 25Page - NXP Semiconductors 98ASH70169A Datasheet HTML 26Page - NXP Semiconductors 98ASH70169A Datasheet HTML 27Page - NXP Semiconductors 98ASH70169A Datasheet HTML 28Page - NXP Semiconductors 98ASH70169A Datasheet HTML 29Page - NXP Semiconductors 98ASH70169A Datasheet HTML 30Page - NXP Semiconductors 98ASH70169A Datasheet HTML 31Page - NXP Semiconductors 98ASH70169A Datasheet HTML 32Page - NXP Semiconductors 98ASH70169A Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
<<CLASSIFICATION>>
<<NDA MESSAGE>>
38
2
6
7
MSB IN2
BIT 6 . . . 1
MASTER MSB OUT2
MASTER LSB OUT
5
5
8
10
11
PORT DATA
PORT DATA
3
10
11
4
1.If configured as output
2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB.
9
(OUTPUT)
(CPOL=0)
SPSCK
SPSCK
(CPOL=1)
SS1
(OUTPUT)
(OUTPUT)
MOSI
(OUTPUT)
MISO
(INPUT)
LSB IN
BIT 6 . . . 1
Figure 19. SPI master mode timing (CPHA=1)
Table 18. SPI slave mode timing
Nu
m.
Symbol
Description
Min.
Max.
Unit
Comment
1
fop
Frequency of operation
0
fBus/4
Hz
fBus is the bus clock as
defined in .
2
tSPSCK
SPSCK period
4 x tBus
—
ns
tBus = 1/fBus
3
tLead
Enable lead time
1
—
tBus
—
4
tLag
Enable lag time
1
—
tBus
—
5
tWSPSCK
Clock (SPSCK) high or low time
tBus - 30
—
ns
—
6
tSU
Data setup time (inputs)
15
—
ns
—
7
tHI
Data hold time (inputs)
25
—
ns
—
8
ta
Slave access time
—
tBus
ns
Time to data active from
high-impedance state
9
tdis
Slave MISO disable time
—
tBus
ns
Hold time to high-
impedance state
10
tv
Data valid (after SPSCK edge)
—
25
ns
—
11
tHO
Data hold time (outputs)
0
—
ns
—
12
tRI
Rise time input
—
tBus - 25
ns
—
tFI
Fall time input
13
tRO
Rise time output
—
25
ns
—
tFO
Fall time output
Peripheral operating requirements and behaviors
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com