Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70169A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 98ASH70169A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70169A Datasheet(HTML) 1 Page - NXP Semiconductors

  98ASH70169A Datasheet HTML 1Page - NXP Semiconductors 98ASH70169A Datasheet HTML 2Page - NXP Semiconductors 98ASH70169A Datasheet HTML 3Page - NXP Semiconductors 98ASH70169A Datasheet HTML 4Page - NXP Semiconductors 98ASH70169A Datasheet HTML 5Page - NXP Semiconductors 98ASH70169A Datasheet HTML 6Page - NXP Semiconductors 98ASH70169A Datasheet HTML 7Page - NXP Semiconductors 98ASH70169A Datasheet HTML 8Page - NXP Semiconductors 98ASH70169A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
MC9S08PA16
MC9S08PA16 Series Data
Sheet
Supports: MC9S08PA16(A) and
MC9S08PA8(A)
Key features
• 8-Bit S08 central processor unit (CPU)
– Up to 20 MHz bus at 2.7 V to 5.5 V across operating
temperature range of -40 °C to 105 °C for V part and
-40 °C to 125 °C for M part.
– Supporting up to 40 interrupt/reset sources
– Supporting up to four-level nested interrupt
– On-chip memory
– Up to 16 KB flash read/program/erase over full
operating voltage and temperature
– Up to 256 byte EEPROM; 2-byte erase sector;
program and erase while executing flash
– Up to 2048 byte random-access memory (RAM)
– Flash and RAM access protection
• Power-saving modes
– One low-power stop mode; reduced power wait
mode
– Peripheral clock enable register can disable clocks to
unused modules, reducing currents; allows clocks to
remain enabled to specific peripherals in stop3 mode
• Clocks
– Oscillator (XOSC) - loop-controlled Pierce
oscillator; crystal or ceramic resonator range of
31.25 kHz to 39.0625 kHz or 4 MHz to 20 MHz
– Internal clock source (ICS) - containing a frequency-
locked-loop (FLL) controlled by internal or external
reference; precision trimming of internal reference
allowing 1% deviation across temperature range of 0
°C to 70 °C and 2% deviation across the whole
operating temperature; up to 20 MHz
• System protection
– Watchdog with independent clock source
– Low-voltage detection with reset or interrupt;
selectable trip points
– Illegal opcode detection with reset
– Illegal address detection with reset
• Development support
– Single-wire background debug interface
– Breakpoint capability to allow three breakpoints
setting during in-circuit debugging
– On-chip in-circuit emulator (ICE) debug module
containing two comparators and nine trigger modes
• Peripherals
– ACMP - one analog comparator with both positive
and negative inputs; separately selectable interrupt
on rising and falling comparator output; filtering
– ADC - 12-channel, 12-bit resolution; 2.5 µs
conversion time; data buffers with optional
watermark; automatic compare function; internal
bandgap reference channel; operation in stop mode;
optional hardware trigger
– CRC - programmable cyclic redundancy check
module
– FTM - two flex timer modulators modules including
one 6-channel and one 2-channel ones; 16-bit
counter; each channel can be configured for input
capture, output compare, edge- or center-aligned
PWM mode
– IIC - One inter-integrated circuit module; up to 400
kbps; multi-master operation; programmable slave
address; supporting broadcast mode and 10-bit
addressing; supporting SMBUS and PMBUS
– MTIM - One modulo timer with 8-bit prescaler and
overflow interrupt
– RTC - 16-bit real timer counter (RTC)
– SCI - two serial communication interface (SCI/
UART) modules optional 13-bit break; full duplex
non-return to zero (NRZ); LIN extension support
– SPI - one 8-bit serial peripheral interface (SPI)
modules; full-duplex or single-wire bidirectional;
master or slave mode
NXP Semiconductors
Document Number MC9S08PA16
Data Sheet: Technical Data
Rev. 4, 03/2020
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.
MC9S08PA16A and MC9S08PA8A
are recommended for new design


Similar Part No. - 98ASH70169A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
98ASH70169A NXP-98ASH70169A Datasheet
670Kb / 30P
8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
98ASH70169A NXP-98ASH70169A Datasheet
902Kb / 37P
8-Bit S08 central processor unit (CPU)
Rev. 4, 03/2020
98ASH70169A NXP-98ASH70169A Datasheet
4Mb / 316P
Microcontrollers
Rev. 8 1/2014
logo
ON Semiconductor
98ASH70169A ONSEMI-98ASH70169A Datasheet
339Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
February, 2022?뭃ev. 2
98ASH70169A ONSEMI-98ASH70169A Datasheet
252Kb / 8P
Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
More results

Similar Description - 98ASH70169A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
On phase-out, not recommended for new designs
logo
Texas Instruments
UCC2570DTR TI1-UCC2570DTR Datasheet
3Mb / 13P
Not Recommended for New Design
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
NOT RECOMMENDED FOR NEW DESIGNS
logo
SemiHow Co.,Ltd.
HRLP80N06K SEMIHOW-HRLP80N06K Datasheet
898Kb / 7P
Originative New Design
HRLP150N10K SEMIHOW-HRLP150N10K Datasheet
217Kb / 7P
Originative New Design
logo
Texas Instruments
UCC2751 TI1-UCC2751_10 Datasheet
2Mb / 9P
Not Recommended for New Design
logo
NXP Semiconductors
MC9S08PA60 NXP-MC9S08PA60 Datasheet
897Kb / 41P
MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
MC9S08PT60 NXP-MC9S08PT60 Datasheet
940Kb / 41P
MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com