Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70169A Datasheet(PDF) 27 Page - NXP Semiconductors

Part # 98ASH70169A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70169A Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button 98ASH70169A Datasheet HTML 23Page - NXP Semiconductors 98ASH70169A Datasheet HTML 24Page - NXP Semiconductors 98ASH70169A Datasheet HTML 25Page - NXP Semiconductors 98ASH70169A Datasheet HTML 26Page - NXP Semiconductors 98ASH70169A Datasheet HTML 27Page - NXP Semiconductors 98ASH70169A Datasheet HTML 28Page - NXP Semiconductors 98ASH70169A Datasheet HTML 29Page - NXP Semiconductors 98ASH70169A Datasheet HTML 30Page - NXP Semiconductors 98ASH70169A Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
7.3.2 Analog comparator (ACMP) electricals
Table 16. Comparator electrical specifications
C
Characteristic
Symbol
Min
Typical
Max
Unit
D
Supply voltage
VDDA
2.7
—
5.5
V
T
Supply current (Operation mode)
IDDA
—
10
20
µA
D
Analog input voltage
VAIN
VSS - 0.3
—
VDDA
V
P
Analog input offset voltage
VAIO
—
—
40
mV
C
Analog comparator hysteresis (HYST=0)
VH
—
15
20
mV
C
Analog comparator hysteresis (HYST=1)
VH
—
20
30
mV
T
Supply current (Off mode)
IDDAOFF
—
60
—
nA
C
Propagation Delay
tD
—
0.4
1
µs
7.4 Communication interfaces
7.4.1 SPI switching specifications
The serial peripheral interface (SPI) provides a synchronous serial bus with master and
slave operations. Many of the transfer attributes are programmable. The following tables
provide timing characteristics for classic SPI timing modes. Refer to the SPI chapter of
the chip's reference manual for information about the modified transfer formats used for
communicating with slower peripheral devices. All timing is shown with respect to 20%
VDD and 70% VDD, unless noted, and 100 pF load on all SPI pins. All timing assumes
high drive strength is enabled for SPI output pins.
Table 17. SPI master mode timing
Nu
m.
Symbol
Description
Min.
Max.
Unit
Comment
1
fop
Frequency of operation
fBus/2048
fBus/2
Hz
fBus is the bus
clock
2
tSPSCK
SPSCK period
2 x tBus
2048 x tBus
ns
tBus = 1/fBus
3
tLead
Enable lead time
1/2
—
tSPSCK
—
4
tLag
Enable lag time
1/2
—
tSPSCK
—
5
tWSPSCK
Clock (SPSCK) high or low time
tBus - 30
1024 x tBus
ns
—
6
tSU
Data setup time (inputs)
15
—
ns
—
7
tHI
Data hold time (inputs)
0
—
ns
—
8
tv
Data valid (after SPSCK edge)
—
25
ns
—
Table continues on the next page...
Peripheral operating requirements and behaviors
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com