Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70169A Datasheet(PDF) 35 Page - NXP Semiconductors

Part # 98ASH70169A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70169A Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button 98ASH70169A Datasheet HTML 28Page - NXP Semiconductors 98ASH70169A Datasheet HTML 29Page - NXP Semiconductors 98ASH70169A Datasheet HTML 30Page - NXP Semiconductors 98ASH70169A Datasheet HTML 31Page - NXP Semiconductors 98ASH70169A Datasheet HTML 32Page - NXP Semiconductors 98ASH70169A Datasheet HTML 33Page - NXP Semiconductors 98ASH70169A Datasheet HTML 34Page - NXP Semiconductors 98ASH70169A Datasheet HTML 35Page - NXP Semiconductors 98ASH70169A Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
VDD
VSS
PTB7/SCL/EXTAL
PTB6/SDA/XTAL
1
PTB4/FTM2CH4/MISO01
PTB3/KBI0P7/MOSI0/ADP7
PTB2/KBI0P6/SPSCK0/ADP6
PTA2/KBI0P2/RxD0/SDA2
PTA3/KBI0P3/TxD0/SCL2
PTB0/KBI0P4/RxD0/ADP4
PTB1/KBI0P5/TxD0/ADP5
PTA4/ACMPO/BKGD/MS
PTA0/KBI0P0/FTM0CH0/ACMP0/ADP0
PTA1/KBI0P1/FTM0CH1/ACMP1/ADP1
bold are not available on less pin-count packages.
1. High source/sink current pins
2. True open drain pins
Pins in
PTA5/IRQ/TCLK0/RESET
PTB5/FTM2CH5/SS0
Figure 25. MC9S08PA16 16-pin TSSOP package
10 Revision history
The following table provides a revision history for this document.
Table 20. Revision history
Rev. No.
Date
Substantial Changes
1
10/2012
Initial public release
2
09/2014
• Updated VOH and VOL in DC characteristics
• Updated footnote on the S3IDD in Supply current characteristics
• Added EMC radiated emissions operating behaviors
• Updated the typical of fint_t to 31.25 kHz and updated footnote to
tAcquire in External oscillator (XOSC) and ICS characteristics
• Updated the assumption for all the timing values in SPI switching
specifications
• Updated the rating descriptions for tRise and tFall in Control timing
• Updated the part number format to add new field for new part
numbers in Fields
3
06/2015
• Corrected the Min. of the textrst in Control timing
• Updated Thermal characteristics to add footnote to the TA and
removed redundant information.Updated the symbol of
θJA to RθJA.
4
03/2020
• Added MCU block diagram.
• Added new parts of MC9S08PA16AMTJ, MC9S08PA16AMTG and
MC9S08PA8AMTG and updated related information in the whole
book.
• Added new section of Orderable part numbers
• Updated Tj in the Thermal characteristics.
• Updated flash characteristics in the NVM specifications
• Updated S3IDD values in the Supply current characteristics
Revision history
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com