Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70169A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 98ASH70169A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70169A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 98ASH70169A Datasheet HTML 7Page - NXP Semiconductors 98ASH70169A Datasheet HTML 8Page - NXP Semiconductors 98ASH70169A Datasheet HTML 9Page - NXP Semiconductors 98ASH70169A Datasheet HTML 10Page - NXP Semiconductors 98ASH70169A Datasheet HTML 11Page - NXP Semiconductors 98ASH70169A Datasheet HTML 12Page - NXP Semiconductors 98ASH70169A Datasheet HTML 13Page - NXP Semiconductors 98ASH70169A Datasheet HTML 14Page - NXP Semiconductors 98ASH70169A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Table 4. LVD and POR Specification (continued)
Symbol
C
Description
Min
Typ
Max
Unit
VHYSH
C
High range low-voltage
detect/warning hysteresis
—
100
—
mV
VLVDL
C
Falling low-voltage detect
threshold - low range (LVDV =
0)
2.56
2.61
2.66
V
VLVDW1L
C
Falling low-
voltage
warning
threshold -
low range
Level 1 falling
(LVWV = 00)
2.62
2.7
2.78
V
VLVDW2L
C
Level 2 falling
(LVWV = 01)
2.72
2.8
2.88
V
VLVDW3L
C
Level 3 falling
(LVWV = 10)
2.82
2.9
2.98
V
VLVDW4L
C
Level 4 falling
(LVWV = 11)
2.92
3.0
3.08
V
VHYSDL
C
Low range low-voltage detect
hysteresis
—
40
—
mV
VHYSWL
C
Low range low-voltage
warning hysteresis
—
80
—
mV
VBG
P
Buffered bandgap output 4
1.14
1.16
1.18
V
1. Maximum is highest voltage that POR is guaranteed.
2. POR ramp time must be longer than 20us/V to get a stable startup.
3. Rising thresholds are falling threshold + hysteresis.
4. Voltage factory trimmed at VDD = 5.0 V, Temp = 25 °C
IOH(mA)
VDD-VOH(V)
0
0.1
0.2
0.3
0.4
0.5
0.6
1
2
3
4
5
6
125°C
105°C
25°C
-40°C
Figure 2. Typical IOH Vs. VDD-VOH (standard drive strength) (VDD = 5 V)
Nonswitching electrical specifications
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com