Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70169A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 98ASH70169A
Description  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70169A Datasheet(HTML) 5 Page - NXP Semiconductors

  98ASH70169A Datasheet HTML 1Page - NXP Semiconductors 98ASH70169A Datasheet HTML 2Page - NXP Semiconductors 98ASH70169A Datasheet HTML 3Page - NXP Semiconductors 98ASH70169A Datasheet HTML 4Page - NXP Semiconductors 98ASH70169A Datasheet HTML 5Page - NXP Semiconductors 98ASH70169A Datasheet HTML 6Page - NXP Semiconductors 98ASH70169A Datasheet HTML 7Page - NXP Semiconductors 98ASH70169A Datasheet HTML 8Page - NXP Semiconductors 98ASH70169A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
2 Orderable part numbers
The following table summarizes the part numbers of the devices covered by this
document.
Table 1. Ordering information
Feature
MC9S08PA16(A)
MC9S08PA8(A)
Part
Number
VLD
VLC
VWJ
VTJ
VTG
VLD
VLC
VWJ
VTJ
VTG
MTJ
MTG
MTG
Max.
frequency
(MHz)
20
20
20
20
20
20
20
20
20
20
Flash
memory
(KB)
16
16
16
16
16
8
8
8
8
8
RAM (KB)
2
2
2
2
2
2
2
2
2
2
EEPROM
(B)
256
256
256
256
256
256
256
256
256
256
12-bit
ADC
12ch
12ch
10ch
10ch
6ch
12ch
12ch
10ch
10ch
6ch
16-bit
FlexTimer
6ch+2ch
6ch+2ch
6ch+2ch
6ch+2ch
2ch+2ch
6ch+2ch
6ch+2ch
6ch+2ch
6ch+2ch
2ch+2ch
8-bit
Modulo
timer
1
1
1
1
1
1
1
1
1
1
ACMP
1
1
1
1
1
1
1
1
1
1
RTC
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
8-bit SPI
1
1
1
1
1
1
1
1
1
1
I2C
1
1
1
1
1
1
1
1
1
1
SCI (LIN
Capable)
2
2
1
1
1
2
2
1
1
1
Watchdog
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
CRC
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
20mA
high-drive
pins
4
4
2
2
2
4
4
2
2
2
KBI pins
8
8
8
8
8
8
8
8
8
8
GPIO
37
28
18
18
14
37
28
18
18
14
Package
44-LQFP 32-LQFP 20-SOIC
20-
TSSOP
16-
TSSOP
44-LQFP 32-LQFP 20-SOIC
20-
TSSOP
16-
TSSOP
Orderable part numbers
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
NXP Semiconductors
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com