Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD024OX4 Datasheet(PDF) 17 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 17 Page - AZ Displays

Back Button PD024OX4 Datasheet HTML 13Page - AZ Displays PD024OX4 Datasheet HTML 14Page - AZ Displays PD024OX4 Datasheet HTML 15Page - AZ Displays PD024OX4 Datasheet HTML 16Page - AZ Displays PD024OX4 Datasheet HTML 17Page - AZ Displays PD024OX4 Datasheet HTML 18Page - AZ Displays PD024OX4 Datasheet HTML 19Page - AZ Displays PD024OX4 Datasheet HTML 20Page - AZ Displays PD024OX4 Datasheet HTML 21Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
=
=
+
! 9 3
!9 " !
#
+" *" ) <
&
%
+" *" ) <
)
%
6
)207>
?
#
)
= %
%
&
)
%
%
./!.
./!.
./!.
./!.
@ 1! '
1
! )
+"
%
$
A
%
$
+!
%3
*:#
1"2
*:#
1"2
%3
%7G5 % I0+
%
%1G (% I0+
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com