Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD024OX4 Datasheet(PDF) 6 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 6 Page - AZ Displays

Back Button PD024OX4 Datasheet HTML 2Page - AZ Displays PD024OX4 Datasheet HTML 3Page - AZ Displays PD024OX4 Datasheet HTML 4Page - AZ Displays PD024OX4 Datasheet HTML 5Page - AZ Displays PD024OX4 Datasheet HTML 6Page - AZ Displays PD024OX4 Datasheet HTML 7Page - AZ Displays PD024OX4 Datasheet HTML 8Page - AZ Displays PD024OX4 Datasheet HTML 9Page - AZ Displays PD024OX4 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
;
;
5+ %
G I5 %'+' D $'E
5+
/! ! 9
" &7$ /
'+ ' ! 3 !
" &) /
<
"6 3"'"3!
!
B! &
/
'!
"
66 1! 9
"'"3!
"'"3! $ " & ''6! &
26 "9
* 3
& &
# "@&1
*
" @
D
E%!
0%!
;%
D
E
0
0%!
;% J
%
D (E%!
0%!
%
D
E
0
0%!
% J ;%
D 5E ( 0
0%!
% J 5%
D ;E%:
0%:
5%
D =E%:
0%:
5%
D >E%! (
0%! (
%
D ?E%
0%
%
D
E *
0 *
%
/ 2"6
1! ! 9
! " 3 " '! D / 1! ! 9
! " 3
'"
7 3
3 &E
D E %
):
)
)
) %!
)
7
(/
D E
)
) ( ) ( ) %!
) %! () %
) * ) %: ) %: )
%
7
5/
D(E %
!
7
(/
5+( %
) %
G I(( % D $' E
5+
'
/ 3
6 !9 "6
1! 3/! 9 9 6"
$ 3$36 2" ! "33 &! 9
# ! ' 26 "9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com