Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD024OX4 Datasheet(PDF) 8 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 8 Page - AZ Displays

Back Button PD024OX4 Datasheet HTML 4Page - AZ Displays PD024OX4 Datasheet HTML 5Page - AZ Displays PD024OX4 Datasheet HTML 6Page - AZ Displays PD024OX4 Datasheet HTML 7Page - AZ Displays PD024OX4 Datasheet HTML 8Page - AZ Displays PD024OX4 Datasheet HTML 9Page - AZ Displays PD024OX4 Datasheet HTML 10Page - AZ Displays PD024OX4 Datasheet HTML 11Page - AZ Displays PD024OX4 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
>
>
=
"6 * 9!
3 !' !
" & ! ! 9 /" "3 ! !3
=+
!
9!
!
3 !
&&
" "
* 9!
5
(
? > = ;
5
(
* /
+
+
+ + + +
+
+
*
#
* /
+ + +
+
+
+
L
+
+
* /
+
+
+ + + +
+
+
+
,
*
* (/
+
+
+ + + +
+
+
+
+
+
+
* /
+ + +
+
#
# (
#
#
+
* 5/
+
+
+ + + +
+
+
%# (
+
%#
%#
* ;/
+
+
+ + + +
+
+
+
+
+
+
* =/
+
+
+ + + +
+
+
+
+
+
+
K F K
"
&
3"
=+ * 9!
3 !
& 3 !' !
# $ %
&'
&&
" "
* 9!
5
(
? > = ;
5
(
* /
+
+
+ + + +
+
+
*
#
" 6
*
, &
$
$
"
1/
*
GA A) " & "66 !
3 !
! 9
& " 6
#
/
" &7$
&
&1/
# GA A) ! '6"$ ' " !
!
!
" &7$
&
/! 3
6 /
0
/
*% !9 "6
# ) /
*%
' 6 2 6 7 3
:
1/
GA A
/! 3
6 / 9
"
" 0
'
/
'+ '36 3@
-
/
- 9
"
"
1/
GA A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com