Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD024OX4 Datasheet(PDF) 5 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 5 Page - AZ Displays

  PD024OX4 Datasheet HTML 1Page - AZ Displays PD024OX4 Datasheet HTML 2Page - AZ Displays PD024OX4 Datasheet HTML 3Page - AZ Displays PD024OX4 Datasheet HTML 4Page - AZ Displays PD024OX4 Datasheet HTML 5Page - AZ Displays PD024OX4 Datasheet HTML 6Page - AZ Displays PD024OX4 Datasheet HTML 7Page - AZ Displays PD024OX4 Datasheet HTML 8Page - AZ Displays PD024OX4 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
5
5
5
' 0
'
! "6
1
3 )( !
) ! 3/
5
:
G:
G %
!
$ 76
0
3 !' !
*
" @
%
6 3 & 26 "9
5+
0
+
+
(
%:
9" !2 '1
''6$
9" & !2
!
3
3 3"'"3! " 3
' 1 3! 3 ! $
5
!
3
3 3"'"3! " 3
' 1 3! 3 ! $
;
%:
! !2 '1
''6$
9" & !2
=
*
"
'6" ! $
'
%
>
%
!
/ " '6! &
/ %
1! 9
?
%! (
&!" 26 "9
3/" 9
'
(
!
3
3 3"'"3! " 3
' 1 3! 3 ! $
(
!
3
3 3"'"3! " 3
' 1 3! 3 ! $
%!
&!" 26 "9
3/" 9
'
(
!
3
3 3"'"3! " 3
' 1 3! 3 ! $
!
3
3 3"'"3! " 3
' 1 3! 3 ! $
5
%!
&!" 26 "9
3/" 9
'
;
!
3
3 3"'"3! " 3
' 1 3! 3 ! $
=
!
3
3 3"'"3! " 3
' 1 3! 3 ! $
5+
>
:
/" 9
'
1 :
?
%
/" 9
'
1 %
5+(
*%
:"
!9 "6
/ '1
" !
/ 7
3 2
5+
%
''6$ 26 "9
7"3@6!9/
+
:
&
7"3@6!9/
(
#
"! 7
9 6"
&7"3@! '
5+5
%
!9! "6 '1
''6$
5+(
5
:
!9! "6 :
;
%
!9! "6 '1
''6$
5+(
=
!"6 !
"3 3/!' 6 3 !9 "6
>
!"6 !
"3 &" " ! '
!9 "6
?
!"6 !
"3
"
! !
36 3@
(
H
!C
"6 $ 3 ! '
5+;
(
% H
% !3"6 $ 3 ! '
5+=
(
-
6 3@! '
5+>
((
=
" " ! '
(
;
" " ! '
(5
5
" " ! '
(;
" " ! '
(=
(
" " ! '
(>
" " ! '
(?
" " ! '
" " ! '
5+?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com