Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD024OX4 Datasheet(PDF) 13 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 13 Page - AZ Displays

Back Button PD024OX4 Datasheet HTML 9Page - AZ Displays PD024OX4 Datasheet HTML 10Page - AZ Displays PD024OX4 Datasheet HTML 11Page - AZ Displays PD024OX4 Datasheet HTML 12Page - AZ Displays PD024OX4 Datasheet HTML 13Page - AZ Displays PD024OX4 Datasheet HTML 14Page - AZ Displays PD024OX4 Datasheet HTML 15Page - AZ Displays PD024OX4 Datasheet HTML 16Page - AZ Displays PD024OX4 Datasheet HTML 17Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
(
(
?+(
%
%
D E
!C
"6 ! ! 9
% - &
%
0
"
/
6 3@3$36 !
"
>((
+
6 3@6 1 6 2 6 '6 1!& /
316
5
+
+
6 3@/!9/6 2 6 '6 1!& /
31/
5
+
+
" "
'
&
+
+
" " / 6&
&/
+
+
+
;(5
+
H
' ! &
/
+
;(5
+
-
' 3/
/
5
5
+
-
H
6 1 6 2 6 '6 1!& /
/'
+
-
7"3@' 3/
/7
>(
-
-
'
&3
+
+
- /6&
&3/
+
+
2"6!& &! '6"$ ' ! &
/&
+
>
+
-
D E % !3"6 ! ! 9
% - &
%
0
"
/
+
;;=
+
% H
' ! &
2
+
;
+
H
% 2"6!&&! '6"$ ' ! &
2&
+
+
H
%
' 3/
2
;
+
+
H
% H
6 1 6 2 6 '6 1!& /
2'
+
?
+
H
% 7"3@' 3/
27
5
;
?
H
D(E
!"6 !
"3 ! ! 9
% - &
%
0
"
/
6 3@3$36 !
3$3
(
+
+
6 3@6 1 6 2 6 '6 1!& /
316
+
+
6 3@/!9/6 2 6 '6 1!& /
31/
+
+
" "
'
&
+
+
" " /6&
&/
+
+
/!' 6 3
'
3
+
+
/!' 6 3 /6&
3 /
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com