Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD024OX4 Datasheet(PDF) 2 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 2 Page - AZ Displays

  PD024OX4 Datasheet HTML 1Page - AZ Displays PD024OX4 Datasheet HTML 2Page - AZ Displays PD024OX4 Datasheet HTML 3Page - AZ Displays PD024OX4 Datasheet HTML 4Page - AZ Displays PD024OX4 Datasheet HTML 5Page - AZ Displays PD024OX4 Datasheet HTML 6Page - AZ Displays PD024OX4 Datasheet HTML 7Page - AZ Displays PD024OX4 Datasheet HTML 8Page - AZ Displays PD024OX4 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
:
+
2
+
''6!3" !
(
"
(
(
3/" !3"6 ' 3! !3" !
(
3/" !3"6
"1! 9
+
&6
5
' 0
'
! "6
5
;
!< 6
" 9
" & '
!
3
=
=
"6 * 9!
3 !' !
" & ! ! 9 /" "3 ! !3
>
>
7 6
"<!
*" ! 9
?
6 3 !3"6 /" "3 ! !3
' !3"6 /" "3 ! !3
5
" &6! 9 " !
>
* 6!"7!6! $
?
(
#6 3@ !"9 "
"3@! 9
+
* 2! !
!
$
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com