Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD024OX4 Datasheet(PDF) 7 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 7 Page - AZ Displays

Back Button PD024OX4 Datasheet HTML 3Page - AZ Displays PD024OX4 Datasheet HTML 4Page - AZ Displays PD024OX4 Datasheet HTML 5Page - AZ Displays PD024OX4 Datasheet HTML 6Page - AZ Displays PD024OX4 Datasheet HTML 7Page - AZ Displays PD024OX4 Datasheet HTML 8Page - AZ Displays PD024OX4 Datasheet HTML 9Page - AZ Displays PD024OX4 Datasheet HTML 10Page - AZ Displays PD024OX4 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
=
=
5+5
&7"3@ !9 "6
1! 3/! 9 !9 "6
3
6
*%
' & $ 3$36 1! /;%
! ' 6 2 6
5+=
!C
"6 $ 3 !9 "6)! ! " K
1A "3 !2 !9 "6
5+> % !3"6 $ 3 !9 "6)! ! " K
1A "3 !2 !9 "6
5+?
36 3@ !9 "6
*:# !
"3 ) ! ! 9
&" " 6 "&! 9 & ! &" ! ! 9 &9
5+
;+7! !
"3 D./
'
&>+7!
3 !
' " !
!
E
J
E
>+7! !
"3 D./
'
&>+7!
3 !
' " !
!
E
J=
* /3
6 '
&>+7!
&
0
,
-(
./ -(
*(
23)
#3)
( %
; !< 6 " " 9
" & ! ' '! 3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com