Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD024OX4 Datasheet(PDF) 3 Page - AZ Displays

Part # PD024OX4
Description  This technical specification applies to a 2.36inch color TFT-LCD panel.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX4 Datasheet(HTML) 3 Page - AZ Displays

  PD024OX4 Datasheet HTML 1Page - AZ Displays PD024OX4 Datasheet HTML 2Page - AZ Displays PD024OX4 Datasheet HTML 3Page - AZ Displays PD024OX4 Datasheet HTML 4Page - AZ Displays PD024OX4 Datasheet HTML 5Page - AZ Displays PD024OX4 Datasheet HTML 6Page - AZ Displays PD024OX4 Datasheet HTML 7Page - AZ Displays PD024OX4 Datasheet HTML 8Page - AZ Displays PD024OX4 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
!" # !
$
$
"
"
!" # !
%
(
(
''6!3" !
/!
3/!3"6 ' 3! !3" !
"''6!
" (;A 3 6
+
'" 6
/! ! & !9 &
' !
"''6!3" !
" & /
6 3
!3 ' & 3 1/!3/ B! /!9/
B"6! $ 6" '" 6 &! '6"$
"
!< 6 ! & 6 " 3
!9 " !
"76 " "'' <! " 6$ ;)?)3 6 &! '6"$ 7$ '
&>+7!
3 !
2!& " (+1! 36 3@ $ 3/
!"6 !
"3
2" !
' " !
&
! 9
# !6 +!
3
' &! 9
/ ! "9 !
"3
/ *:#
# !6 +! 9" & !2 !
"3 3! 3 !
"9
2
!
,'0
1 " &
0*!9/
# !6 +! 3
6 3! 3 !
& !2! 9
# !6 +! '1 + "2
3 !
3/" /
" &+7$
&
# !6 +! '1 +
!9 "6 9
" !
3! 3 !
# !6 +! %3
" '6! & 26 "9
' 3! 3 !
(
3/" !3"6 ' 3! !3" !
!
"
3
!C
(;
! 3/
! '6"$
"
;D *:# E (
&
3 !2
"
> D E (5;>5D%E
! 3/
D E
55 D%E
!< 6
!9 " !
6 "
6!
!
!
55 D
E
Ø =55 D % E Ø ?D ED $'E
%! 1! 9 &! 3 !
; 36 3@
"3
"
! F :6"
. !9/
5
² 5
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com