Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9240LP Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 9240LP
Description  14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

9240LP Datasheet(HTML) 4 Page - Maxwell Technologies

  9240LP Datasheet HTML 1Page - Maxwell Technologies 9240LP Datasheet HTML 2Page - Maxwell Technologies 9240LP Datasheet HTML 3Page - Maxwell Technologies 9240LP Datasheet HTML 4Page - Maxwell Technologies 9240LP Datasheet HTML 5Page - Maxwell Technologies 9240LP Datasheet HTML 6Page - Maxwell Technologies 9240LP Datasheet HTML 7Page - Maxwell Technologies 9240LP Datasheet HTML 8Page - Maxwell Technologies 9240LP Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
01.10.05 REV 6
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
9240LP
TABLE 3. 9240LP DC SPECIFICATIONS
(AVDD = 5V, DVDD = 5V, DRVDD = 5V, R
BIAS = 2KΩ, VREF = 2.5V,
VINA=VINB = ±2.5V DIFFERENTIAL INPUT CENTERED ON VREF(1.25V TO 3.75V ABSOLUTE)
T
A = -55 TO +125° C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SUBGROUPS
MIN
TYP1
MAX
UNIT
RESOLUTION
1
14
--
--
Bits min
MAX CONVERSION RATE
9, 10, 11
10
--
--
MHz min
MAX REFERRED NOISE1
VREF= 1 V
VREF = 2.5V
--
--
0.9
0.36
--
--
LSB rms
ACCURACY2
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
INL3
DNL3
No Missing Codes
Zero Error (@ 25 °C)
Gain Error (@ 25 °C)1,4
Gain Error (@ 25 °C)5
1, 2, 3
1, 2, 3
1
1
1
-3
-1
--
--
--
--
--
--
±2.5
±0.6
±2.5
±0.7
--
--
--
--
3
1.0
--
14
0.3
1.5
0.75
LSB
LSB
LSB
LSB
Bits Guaranteed
% FSR
% FSR
% FSR
TEMPERATURE DRIFT
Zero Error
Gain Error4
Gain Error5
1, 2, 3
--
--
--
3.0
20.0
5.0
--
--
--
ppm/°C
ppm/°C
ppm/°C
POWER SUPPLY REJECTION
1, 2, 3
--
--
0.1
% FSR
ANALOG INPUT1
Input Span (with VREF = 1.0 V)
(with VREF = 2.5 V)
Input (VINA OR VINB) Range
Input Capacitance
1, 2, 3
2
--
0
--
--
--
--
16
--
5
AVDD -.25
--
V p-p
V p-p
V
pF
INTERNAL VOLTAGE REFERENCE1
Output Voltage (1V mode)
Output Voltage Tolerance (1 V Mode)
Output Voltage (2.5 V Mode)
Output Voltage Tolerance (2.5 V Mode)
Load Regulation V
REF
Load Regulation LPTV
REF
6,7
--
--
--
--
--
--
1
--
2.5
--
10
--
--
±14
--
±35
--
10.0
V
mV
V
mV
mV
mV
REFERENCE INPUT RESISTANCE
1, 2, 3
--
5
--
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com