Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9240LP Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 9240LP
Description  14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

9240LP Datasheet(HTML) 3 Page - Maxwell Technologies

  9240LP Datasheet HTML 1Page - Maxwell Technologies 9240LP Datasheet HTML 2Page - Maxwell Technologies 9240LP Datasheet HTML 3Page - Maxwell Technologies 9240LP Datasheet HTML 4Page - Maxwell Technologies 9240LP Datasheet HTML 5Page - Maxwell Technologies 9240LP Datasheet HTML 6Page - Maxwell Technologies 9240LP Datasheet HTML 7Page - Maxwell Technologies 9240LP Datasheet HTML 8Page - Maxwell Technologies 9240LP Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
01.10.05 REV 6
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
9240LP
TABLE 2. 9240LP ABSOLUTE MAXIMUM RATINGS 1
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification are not implied. Exposure to absolute maximum ratings for extended periods may effect device reliability.
PARAMETER
SYMBOL
WITH RESPECT
TO
MIN
TYP
MAX
UNIT
AVDD
AVSS
-0.3
6.5
V
DVDD
DVSS
-0.3
6.5
V
AVSS
DVSS
-0.3
0.3
V
AVDD
DVDD
-6.5
6.5
V
DRVDD
DRVSS
-0.3
6.5
V
DRVSS
AVSS
-0.3
0.3
V
REFCOM
AVSS
-0.3
0.3
V
CLK
AVSS
+0.3
AVDD -0.5
V
Digital Outputs
DRVSS
-0.3
DRVDD + 0.3
V
VINA, VINB
AVSS
-0.3
AVDD + 0.3
V
VREF
AVSS
-0.3
AVDD + 0.3
V
SENSE
AVSS
-0.3
AVDD + 0.3
V
CAPB, CAPT
AVSS
-0.3
AVDD + 0.3
V
BIAS
AVSS
-0.3
AVDD + -.3
V
Junction Temperature
T
J
--
150
°C
Operating Temperature
T
A
-55
125
°C
Package Weight
--
10.5
--
Grams
Thermal Resistance
TJC
--
9.6
--
°C/W
Storage Temperature
T
STG
-65
150
°C
Lead Temperature (10 sec)
T
L
--
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com