Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9240LP Datasheet (PDF) - Maxwell Technologies

9240LP Datasheet PDF - Maxwell Technologies
Part # 9240LP
Download  9240LP Download
File Size   495.23 Kbytes
Page   18 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC

9240LP Datasheet (PDF)

Go To PDF Page Download Datasheet
9240LP Datasheet PDF - Maxwell Technologies

Part # 9240LP
Download  9240LP Click to download

File Size   495.23 Kbytes
Page   18 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC

9240LP Datasheet (HTML) - Maxwell Technologies


9240LP Product details

DESCRIPTION:

Maxwell Technologies’ 9240LP is a 14-bit, analog-to-digital converter that operates at a 10 MSPS rate. Manufactured with a high speed CMOS process, this ADC contains an on-chip, high performance, low noise, sample-and-hold amplifier and programmable voltage reference.



FEATURES:

• RAD-PAK® radiation-hardened against natural

• space radiation

• Low power dissipation: 295 mW

• Single 5 V supply

• Integral nonlinearity error: 2.5 LSB

• Differential nonlinearity error: 0.6 LSB

• Input referred noise: 0.36 LSB

• Complete: On-chip sample-and-hold amplifier and voltage reference

• Signal-to-noise and distortion ration: 77.5 dB

• Spurious-free dynamic range: 90 dB

• Out-of-range indicator

• Straight binary output data

• Total dose hardened to 100 Krads (Si), dependent on orbit and mission duration

• Single Event Latchup (SEL) protected



 




Similar Part No. - 9240LP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9240 BELDEN-9240 Datasheet
162Kb / 3P
Analog Video, RG59, #20 Solid BCCS, 80% BC Braid, PVC Jacket
11-09-2022
9240-0101000 BELDEN-9240-0101000 Datasheet
162Kb / 3P
Analog Video, RG59, #20 Solid BCCS, 80% BC Braid, PVC Jacket
11-09-2022
logo
Meder Electronic
9240000010 MEDER-9240000010 Datasheet
177Kb / 3P
Reed sensor
9240000011 MEDER-9240000011 Datasheet
177Kb / 3P
Reed sensor
9240000012 MEDER-9240000012 Datasheet
177Kb / 3P
Reed sensor
More results


Similar Description - 9240LP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9240 AD-AD9240 Datasheet
328Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV.A
AD9241 AD-AD9241 Datasheet
495Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV.0
AD9244 AD-AD9244 Datasheet
1Mb / 36P
14-Bit, 40/65 MSPS Monolithic A/D Converter
6/03-Data Sheet changed from REV. 0 to REV. A
AD773A AD-AD773A Datasheet
223Kb / 16P
10-Bit, 20 MSPS Monolithic A/D Converter
REV.0
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773 AD-AD773_15 Datasheet
4Mb / 16P
10 BIT 18 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9243 AD-AD9243_15 Datasheet
403Kb / 24P
Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com