Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9240LP Datasheet(PDF) 10 Page - Maxwell Technologies

Part # 9240LP
Description  14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

9240LP Datasheet(HTML) 10 Page - Maxwell Technologies

Back Button 9240LP Datasheet HTML 6Page - Maxwell Technologies 9240LP Datasheet HTML 7Page - Maxwell Technologies 9240LP Datasheet HTML 8Page - Maxwell Technologies 9240LP Datasheet HTML 9Page - Maxwell Technologies 9240LP Datasheet HTML 10Page - Maxwell Technologies 9240LP Datasheet HTML 11Page - Maxwell Technologies 9240LP Datasheet HTML 12Page - Maxwell Technologies 9240LP Datasheet HTML 13Page - Maxwell Technologies 9240LP Datasheet HTML 14Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
01.10.05 REV 6
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
9240LP
FIGURE 4. TYPICAL FFT, f
IN = 1.0 MHZ (INPUT SPACE = 5V, VCM = 2.5V)
FIGURE 5. SINAD VS. INPUT FREQUENCY (INPUT SPAN = 2V, VCM = 2.5V)
FIGURE 6. THD VS. INPUT FREQUENCY (INPUT SPAN = 2V, V
CM = 2.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com