Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9240LP Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 9240LP
Description  14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

9240LP Datasheet(HTML) 2 Page - Maxwell Technologies

  9240LP Datasheet HTML 1Page - Maxwell Technologies 9240LP Datasheet HTML 2Page - Maxwell Technologies 9240LP Datasheet HTML 3Page - Maxwell Technologies 9240LP Datasheet HTML 4Page - Maxwell Technologies 9240LP Datasheet HTML 5Page - Maxwell Technologies 9240LP Datasheet HTML 6Page - Maxwell Technologies 9240LP Datasheet HTML 7Page - Maxwell Technologies 9240LP Datasheet HTML 8Page - Maxwell Technologies 9240LP Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
01.10.05 REV 6
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
9240LP
TABLE 1. 9240LP PIN DESCRIPTION
PIN NUMBER
NAME
DESCRIPTION
1
DVSS
Digital Ground
2, 29
AVSS
Analog Ground
3
DVDD
5V Digital Supply
4, 28
AVDD
5V Analog Supply
5
NC
No Connect
6
DRVDD
Digital Output Driver Supply
7
CLK
Clock Input Pin
8
LPTSTATUS
A 0 to 5V square-wave is output during the deci-
sion time and protect time. Normally low.
9
LPTBIT
The LPT circuit will crowbar the power supplies
to the 9240 for as long as a logic high is applied.
Used to verify operation of the LPT. Normally a
logical low or ground is applied to this input.
10
NC
No Connect
11
BIT 14
Least Significant Data Bit (LSB)
12-23
BIT 13-BIT 2
Data Output Bits
24
BIT 1
Most Significant Data Bits (MSB)
25
OTR
Out of Range
26, 27, 30
NC
No Connect
31
SENSE
Reference Select
32
VREF
Reference I/O
33
REFCOM
Reference Common
34, 38
NC
No Connect
35
BIAS 1
1. See Speed/Power programmability section.
Power/Speed Programming
36
CAPB
Noise Reduction Pin
37
CAPT
Noise Reduction Pin
39
CML
Common-Mod Level (Midsupply)
40
LPTVREF
Protected Reference I/O
41
VINA
Analog Input Pin (+)
42
VINB
Analog Input Pin (-)
43
LPTDVDD
Protected 5V Digital Supply
44
LPTAVDD
Protected 5V Analog Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com