Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9240LP Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 9240LP
Description  14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

9240LP Datasheet(HTML) 5 Page - Maxwell Technologies

  9240LP Datasheet HTML 1Page - Maxwell Technologies 9240LP Datasheet HTML 2Page - Maxwell Technologies 9240LP Datasheet HTML 3Page - Maxwell Technologies 9240LP Datasheet HTML 4Page - Maxwell Technologies 9240LP Datasheet HTML 5Page - Maxwell Technologies 9240LP Datasheet HTML 6Page - Maxwell Technologies 9240LP Datasheet HTML 7Page - Maxwell Technologies 9240LP Datasheet HTML 8Page - Maxwell Technologies 9240LP Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
01.10.05 REV 6
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
9240LP
LPT ASIC
RDS ON
- V
REF
- AVDD
- DVDD
- V
IN A
- V
IN B
LATCHUP PROTECTION
- Decision Time
- Protect Time
- AVDD Trip Current
- AVDD Trip Current Tolerance
- DVDD Trip Current
- DVDD Trip Current Tolerance
1, 2, 3
8
8
105
105
10
70
75
±15
28
±5
15
Ω
Ω
Ω
Ω
µs
µs
mA
mA
mA
POWER SUPPLIES
Supply Voltages
- AVDD
- DVDD
- DRVDD
Supply Current
- IAVDD
- IDVDD
1, 2, 3
1, 2, 3
--
--
--
--
--
5
5
5
43
3
5
5
5
55
16
V (±5% AVDD Operating)
V (±5% DVDD Operat-
ing)
V (±5% DRVDD Operat-
ing)
mA
mA
POWER CONSUMPTION8
295
355
mW
1. Guaranteed by design
2. Tested using external V
REF with servo control
3. V
REF = 1V
4. Including internal reference
5. Excluding internal reference
6. Load regulkation with 1 mA load current
7. LPTV
REF should not be capacitively loaded above 0.1uF
8. Calculated from I
DD
TABLE 3. 9240LP DC SPECIFICATIONS
(AVDD = 5V, DVDD = 5V, DRVDD = 5V, R
BIAS = 2KΩ, VREF = 2.5V,
VINA=VINB = ±2.5V DIFFERENTIAL INPUT CENTERED ON VREF(1.25V TO 3.75V ABSOLUTE)
T
A = -55 TO +125° C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SUBGROUPS
MIN
TYP1
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com