Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9240LP Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 9240LP
Description  14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

9240LP Datasheet(HTML) 1 Page - Maxwell Technologies

  9240LP Datasheet HTML 1Page - Maxwell Technologies 9240LP Datasheet HTML 2Page - Maxwell Technologies 9240LP Datasheet HTML 3Page - Maxwell Technologies 9240LP Datasheet HTML 4Page - Maxwell Technologies 9240LP Datasheet HTML 5Page - Maxwell Technologies 9240LP Datasheet HTML 6Page - Maxwell Technologies 9240LP Datasheet HTML 7Page - Maxwell Technologies 9240LP Datasheet HTML 8Page - Maxwell Technologies 9240LP Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300- Fax: (858) 503-3301- www.maxwell.com
14-Bit, 10 MSPS Monolithic A/D
9240LP
©2005 Maxwell Technologies
All rights reserved.
01.10.05 REV 6
Converter with LPT ASIC
FEATURES:
•RAD-PAK® radiation-hardened against natural
• space radiation
• Low power dissipation: 295 mW
• Single 5 V supply
• Integral nonlinearity error: 2.5 LSB
• Differential nonlinearity error: 0.6 LSB
• Input referred noise: 0.36 LSB
• Complete: On-chip sample-and-hold amplifier and voltage
reference
• Signal-to-noise and distortion ration: 77.5 dB
• Spurious-free dynamic range: 90 dB
• Out-of-range indicator
• Straight binary output data
• Total dose hardened to 100 Krads (Si), dependent on orbit
and mission duration
• Single Event Latchup (SEL) protected
DESCRIPTION:
Maxwell Technologies’ 9240LP is a 14-bit, analog-to-digital
converter that operates at a 10 MSPS rate. Manufactured with
a high speed CMOS process, this ADC contains an on-chip,
high performance, low noise, sample-and-hold amplifier and
programmable voltage reference.
The 9240LP offers single supply operation and dissipates only
295 mW with a 5 volt supply. This device provides no missing
codes and excellent temperature drift performance over the
full operating temperature range.
The 9240LP utilizes Maxwell’s LPT™ Latchup Protection
Circuit.Maxwell Technologies' patented RAD-PAK® packaging
technology incorporates radiation shielding in the microcircuit
package. It eliminates the need for box shielding while provid-
ing the required radiation shielding for a lifetime in orbit or
space mission. In a GEO orbit, RAD-PAK® provides protection
to 100 krad (Si) radiation dose tolerance. This product is avail-
able with screening up to Maxwell Technologies self-defined
Class K.
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 4
BIT 5
BIT 3
NC
BIAS
CAPB
CAPT
NC
CML
LPTref
VinA
VinB
LPTDVDD
LPTAVDD
9240LP
9240LP BLOCK DIAGRAM
DVDD
DRVDD
VINA
VINB
VREF
LPTVREF
LPTBIT
AVDD
LPTAVDD
LPTDVDD
LPTDRVDD
LPTVINA
LPTVINB
LPTVREF
LPTSTATUS
CROW BAR
AVDD
DVDD
DRVDD
VINA
VINB
VREF
9240 14 Bit A/D


Similar Part No. - 9240LP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9240 BELDEN-9240 Datasheet
162Kb / 3P
Analog Video, RG59, #20 Solid BCCS, 80% BC Braid, PVC Jacket
11-09-2022
9240-0101000 BELDEN-9240-0101000 Datasheet
162Kb / 3P
Analog Video, RG59, #20 Solid BCCS, 80% BC Braid, PVC Jacket
11-09-2022
logo
Meder Electronic
9240000010 MEDER-9240000010 Datasheet
177Kb / 3P
Reed sensor
9240000011 MEDER-9240000011 Datasheet
177Kb / 3P
Reed sensor
9240000012 MEDER-9240000012 Datasheet
177Kb / 3P
Reed sensor
More results

Similar Description - 9240LP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9240 AD-AD9240 Datasheet
328Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV.A
AD9241 AD-AD9241 Datasheet
495Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV.0
AD9244 AD-AD9244 Datasheet
1Mb / 36P
14-Bit, 40/65 MSPS Monolithic A/D Converter
6/03-Data Sheet changed from REV. 0 to REV. A
AD773A AD-AD773A Datasheet
223Kb / 16P
10-Bit, 20 MSPS Monolithic A/D Converter
REV.0
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773 AD-AD773_15 Datasheet
4Mb / 16P
10 BIT 18 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9243 AD-AD9243_15 Datasheet
403Kb / 24P
Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com