Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9240LP Datasheet(PDF) 6 Page - Maxwell Technologies

Part # 9240LP
Description  14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

9240LP Datasheet(HTML) 6 Page - Maxwell Technologies

Back Button 9240LP Datasheet HTML 2Page - Maxwell Technologies 9240LP Datasheet HTML 3Page - Maxwell Technologies 9240LP Datasheet HTML 4Page - Maxwell Technologies 9240LP Datasheet HTML 5Page - Maxwell Technologies 9240LP Datasheet HTML 6Page - Maxwell Technologies 9240LP Datasheet HTML 7Page - Maxwell Technologies 9240LP Datasheet HTML 8Page - Maxwell Technologies 9240LP Datasheet HTML 9Page - Maxwell Technologies 9240LP Datasheet HTML 10Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
01.10.05 REV 6
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
14-Bit, 10 MSPS Monolithic A/D Converter with LPT ASIC
9240LP
TABLE 4. 9240LP AC SPECIFICATIONS
(AVDD = 5V, DVDD = 5V, DRVDD = 5V, fSAMPLE = 10MSPS, BIAS = 2K
Ω, V
REF = 2.5V,
VINA = -0.5dBFS, AC COUPLED/DIFFERENTIAL INPUT, T
A = -55 TO +125° C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SUBGROUPS
MIN
TYP1
1. Guaranteed by design
MAX
UNIT
SIGNAL-TO-NOISE AND DISTORTION RATIO (S/N+D)
f
INPUT = 500 kHz
f
INPUT = 1.0 MHz
f
INPUT = 5.0 MHz
--
--
--
76.0
76.0
75.5
--
--
--
dB
dB
dB
EFFECTIVE NUMBER OF BITS (ENOB)2
f
INPUT = 500 kHz
f
INPUT = 1.0 MHz
f
INPUT = 5.0 MHz
2. ENOB calculated from SNR
12
--
--
--
12.3
11.9
--
--
--
Bits
Bits
Bits
SIGNAL-TO-NOISE RATION (SNR)
f
INPUT = 500 kHz
f
INPUT = 1.0 MHz
f
INPUT = 5.0 MHz
4, 5, 6
74.5
--
--
77
77
77
--
--
--
dB
dB
dB
TOTAL HARMONIC DISTORTION (THD)
f
INPUT = 500 kHz
f
INPUT = 1.0 MHz
f
INPUT = 5.0 MHz
--
--
--
-76.0
-83.0
-75.0
--
--
--
dB
dB
dB
SPURIOUS FREE DYNAMIC RANGE
f
INPUT = 500 kHz
f
INPUT = 1.0 MHz
f
INPUT = 5.0 MHz
4, 5, 6
--
--
--
90.0
90.0
80.0
--
--
--
dB
dB
dB
DYNAMIC PERFORMANCE1
Full Power Bandwidth
Small Signal Bandwidth
Aperture Delay
Aperture Jitter
Acquisition to Full-Scale Step (0.0025%)
Overvoltage Recovery Time
--
--
--
--
--
--
70
70
1
4
45
167
--
--
--
--
--
--
MHz
MHz
ns
ps rms
ns
ns
TABLE 5. 9240LP DIGITAL SPECIFICATIONS
(AVDD = 5V, DVDD = 5V, T
A = -55 TO +125° C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SUBGROUPS
SYMBOL
MIN
TYP
MAX
UNIT
CLOCK INPUT1
High Level Input Voltage2
Low Level Input Voltage
High Level Input Current (V
IN = DVDD)
Low Level Input Current (V
IN = 0V)
Input Capacitance
1, 2, 3
V
IH
V
IL
I
IH
I
IL
C
IN
3.5
--
--
--
--
5
--
1.0
±10
±10
--
V
V
µA
µA
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com