Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2ANY Datasheet(PDF) 15 Page - Texas Instruments

Part # USB2ANY
Description  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY Datasheet(HTML) 15 Page - Texas Instruments

Back Button USB2ANY Datasheet HTML 11Page - Texas Instruments USB2ANY Datasheet HTML 12Page - Texas Instruments USB2ANY Datasheet HTML 13Page - Texas Instruments USB2ANY Datasheet HTML 14Page - Texas Instruments USB2ANY Datasheet HTML 15Page - Texas Instruments USB2ANY Datasheet HTML 16Page - Texas Instruments USB2ANY Datasheet HTML 17Page - Texas Instruments USB2ANY Datasheet HTML 18Page - Texas Instruments USB2ANY Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
www.ti.com
Appendix B
15
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Cable Connections
Table 2. 10-pin Cable Pinouts (continued)
Schematic Pin Number
Cable Pin Number
Signals Available
J4-2
9
GPIO1, I2C:SCL, OW3
J4-1
10
GPIO0, I2C:SDA, OW4
NOTE:
The pin numbers for J4 on the schematics are for reference only and do not correspond to
the pin numbers for cable connections.
The 30-pin cable is also about 6 inches in length and has a keyed female 30-pin IDC connector on each
end. This cable provides access to all available signals. The cable should be connected to the USB2ANY
board as Figure 15 shows (note that the key must be facing up, away from the board).
Figure 15. 30-Pin IDC Cable Connector
Connect the opposite end of the cable to the EVM or other target device. The red stripe on the cable
indicates pin 1.
Figure 16. 30-Pin IDC Cable Detail
Table 3. 30-pin Cable Pinouts
Schematic Pin Number
Cable Pin Number
Signals Available
J3-8
1
DAC0
J3-7
2
PIO12, CLOCK, EFC0, INT3
J3-6
3
+5VEXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com