Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2ANY Datasheet(PDF) 2 Page - Texas Instruments

Part # USB2ANY
Description  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY Datasheet(HTML) 2 Page - Texas Instruments

  USB2ANY Datasheet HTML 1Page - Texas Instruments USB2ANY Datasheet HTML 2Page - Texas Instruments USB2ANY Datasheet HTML 3Page - Texas Instruments USB2ANY Datasheet HTML 4Page - Texas Instruments USB2ANY Datasheet HTML 5Page - Texas Instruments USB2ANY Datasheet HTML 6Page - Texas Instruments USB2ANY Datasheet HTML 7Page - Texas Instruments USB2ANY Datasheet HTML 8Page - Texas Instruments USB2ANY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Introduction
www.ti.com
2
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Interface Adapter
8
Connection Between the USB2ANY and the EVM
...................................................................... 9
9
USB2ANY Schematic 1
................................................................................................... 10
10
USB2ANY Schematic 2
................................................................................................... 11
11
USB2ANY Schematic 3
................................................................................................... 12
12
USB2ANY Interface Connectors
......................................................................................... 13
13
10-Pin IDC Cable Connector
............................................................................................. 14
14
10-Pin IDC Cable Detail
................................................................................................... 14
15
30-Pin IDC Cable Connector
............................................................................................. 15
16
30-Pin IDC Cable Detail
................................................................................................... 15
List of Tables
1
Status LEDs
.................................................................................................................. 6
2
10-pin Cable Pinouts
....................................................................................................... 14
3
30-pin Cable Pinouts
....................................................................................................... 15
Trademarks
All trademarks are the property of their respective owners.
1
Introduction
1.1
How to Use This Manual
This document contains the following chapters:
•
Chapter 1 – Introduction
•
Chapter 2 – Overview of Hardware Design
•
Chapter 3 – Connecting the USB2ANY
•
Appendices
1.2
Information About Cautions and Warnings
CAUTION
The EVM contains components that can potentially be damaged by electrostatic
discharge. Always transport and store the EVM in the supplied ESD bag, when
not in use. Handle using an antistatic wristband. Operate on an antistatic work
surface. For more information on proper handling, refer to Electrostatic
Discharge (ESD).
Due to the limited use and location of use (antistatic professional laboratory or other controlled
environment) the equipment under test (EUT) will not see an ESD event above 2 kV, and was tested
accordingly. Manufacturer’s specifications in the manual include this limitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com