Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2ANY Datasheet(PDF) 12 Page - Texas Instruments

Part # USB2ANY
Description  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY Datasheet(HTML) 12 Page - Texas Instruments

Back Button USB2ANY Datasheet HTML 8Page - Texas Instruments USB2ANY Datasheet HTML 9Page - Texas Instruments USB2ANY Datasheet HTML 10Page - Texas Instruments USB2ANY Datasheet HTML 11Page - Texas Instruments USB2ANY Datasheet HTML 12Page - Texas Instruments USB2ANY Datasheet HTML 13Page - Texas Instruments USB2ANY Datasheet HTML 14Page - Texas Instruments USB2ANY Datasheet HTML 15Page - Texas Instruments USB2ANY Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TPS2553-1
IN
1
GND
2
EN
3
~FAULT
4
ILIM
5
OUT
6
U2
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
+3.3V
GND
GND
GND
EXT5V_FAULT
EXT3.3V_FAULT
EXT5V_EN
EXT3.3V_EN
VBUS
GND
GND
GPIO0/I2C(SDA)
GPIO1/I2C(SCL)
GND
I2CPU
GND
DAC0
+5V_EXT
PWM3
DAC1
EFC0/GPIO12/CLOCK
GPIO2/SPI(SCLK)
GPIO3/PWM2
+3.3V_EXT
GPIO4/SPI(SIMO)/UART(TXD)
GPIO5/SPI(SOMI)/UART(RXD)
GPIO6/PWM1/SPI(CS)
GPIO7/PWM0
GPIO10/VEREF-
GPIO11/VERE F+
GPIO8/ADC3
GPIO9/ADC2
ADC1
ADC0
GND
GND
X1
X2
X3
X4
1µF
C8
1µF
C11
130k
R3
100k
R5
100k
R11
1.5k
R12
1.5k
R13
TP1
TPS2553-1
IN
1
GND
2
EN
3
~FAULT
4
ILIM
5
OUT
6
U5
+3.3V_EXT
+5V_EXT
+5V_EXT
+3.3V_EXT
+3.3V_EXT
1
2
3
4
5
6
7
8
J5
1
2
3
4
5
6
7
8
9
10
J4
1
2
3
4
5
6
7
8
J3
12V
Q2
12V
Q4
1
60V
Q3
TP2
TP3
7.5V
D2
1SMB5922B T3G
22µF
C13
90 ohm
FB1
OUT
1
NC
2
NR/FB
3
GND
4
EN
5
NC
6
NC
7
IN
8
PWPD
9
U4
TPS73533DRB
0.01µF
C15
2.2µF
C12
TP4
100k
R10
160k
R9
1µF
C14
TP5
Copyright © 2016, Texas Instruments Incorporated
Appendix A
www.ti.com
12
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Schematic
Figure 11. USB2ANY Schematic 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com