Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2ANY Datasheet(PDF) 14 Page - Texas Instruments

Part # USB2ANY
Description  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY Datasheet(HTML) 14 Page - Texas Instruments

Back Button USB2ANY Datasheet HTML 10Page - Texas Instruments USB2ANY Datasheet HTML 11Page - Texas Instruments USB2ANY Datasheet HTML 12Page - Texas Instruments USB2ANY Datasheet HTML 13Page - Texas Instruments USB2ANY Datasheet HTML 14Page - Texas Instruments USB2ANY Datasheet HTML 15Page - Texas Instruments USB2ANY Datasheet HTML 16Page - Texas Instruments USB2ANY Datasheet HTML 17Page - Texas Instruments USB2ANY Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Appendix B
www.ti.com
14
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Cable Connections
•
Interrupts: INT0, INT1, and INT2
The 10-pin cable is about 6 in long and has a keyed female 10-pin IDC connector on each end. Connect
the cable to the USB2ANY board as Figure 13 shows (note that the key must be facing up, away from the
board).
Figure 13. 10-Pin IDC Cable Connector
The opposite end of the cable is intended to be connected to the EVM or other target device. The red
stripe on the cable indicates pin 1.
Figure 14. 10-Pin IDC Cable Detail
Table 2. 10-pin Cable Pinouts
Schematic Pin Number
Cable Pin Number
Signals Available
J4-10
1
GPIO7, PWM0, INT2, OW2, OW5
J4-9
2
GPIO6, PWM1, RFFE:SCLK, SPI:CS, INT1, µWIRE:CS, OW1
J4-8
3
GPIO5, SPI:SOMI, UART:RXD, µWIRE:SOMI
J4-7
4
GPIO4, SPI:SIMO, UART:TXD, µWIRE:SIMO
J4-6
5
3.3VEXT
J4-5
6
GND
J4-4
7
GPIO3, PWM2, RFFE:SDATA, INT0
J4-3
8
GPIO2, ES:DOUT, SPI:SCLK, µWIRE:SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com