Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2ANY Datasheet(PDF) 13 Page - Texas Instruments

Part # USB2ANY
Description  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY Datasheet(HTML) 13 Page - Texas Instruments

Back Button USB2ANY Datasheet HTML 9Page - Texas Instruments USB2ANY Datasheet HTML 10Page - Texas Instruments USB2ANY Datasheet HTML 11Page - Texas Instruments USB2ANY Datasheet HTML 12Page - Texas Instruments USB2ANY Datasheet HTML 13Page - Texas Instruments USB2ANY Datasheet HTML 14Page - Texas Instruments USB2ANY Datasheet HTML 15Page - Texas Instruments USB2ANY Datasheet HTML 16Page - Texas Instruments USB2ANY Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Cable Connections
Appendix B
SNAU228 – January 2018
USB2ANY Cable Connections
The USB2ANY has four interface connectors: one USB 2.0 connector (J2) and three I/O connectors (J3,
J4, and J5). The USB connector is a standard ‘A’ type mini USB receptacle. The I/O connectors are
standard dual-row, 0.1-in center, pin headers.
I/O connectors J3 and J5 are 8-pin type and J4 is a 10-pin type. They are configured such that they will
accept either individual cable connections or a single 30-pin connection.
Figure 12. USB2ANY Interface Connectors
The standard USB2ANY kit (HPA665-001) includes both a 10-pin cable and a 30-pin cable. The 10-pin
cable is intended to be connected to J4. This single connection will supply the needs for many users as it
provides access to the following interfaces and signals:
•
I
2C: SDA and SCL
•
SPI: SCLK, MOSI, MISO, and CS
•
UART: RX and TX
•
Power: 3.3 V External
•
GPIO: GPIO0, GPIO1, GPIO2, GPIO3, GPIO4, GPIO5, GPIO6, and GPIO7
•
PWM: PWM0, PWM1, and PWM2
•
OneWire: OW1, OW2, and OW3
•
μWire: SCLK, MOSI, MISO, and CS
•
RFFE: SCLK and SDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com