Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2ANY Datasheet(PDF) 10 Page - Texas Instruments

Part # USB2ANY
Description  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY Datasheet(HTML) 10 Page - Texas Instruments

Back Button USB2ANY Datasheet HTML 6Page - Texas Instruments USB2ANY Datasheet HTML 7Page - Texas Instruments USB2ANY Datasheet HTML 8Page - Texas Instruments USB2ANY Datasheet HTML 9Page - Texas Instruments USB2ANY Datasheet HTML 10Page - Texas Instruments USB2ANY Datasheet HTML 11Page - Texas Instruments USB2ANY Datasheet HTML 12Page - Texas Instruments USB2ANY Datasheet HTML 13Page - Texas Instruments USB2ANY Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
P6.4/CB4/A4
1
P6.5/CB5/A5
2
P6.6/CB6/A6
3
P6.7/CB7/A7
4
P7.0/CB8/A12
5
P7.1/CB9/A13
6
P7.2/CB10/A14
7
P7.3/CB11/A15
8
P5.0/A8/VRE F+/VeREF+
9
P5.1/A9/VRE F-/VeREF-
10
AVCC1
11
P5.4/XIN
12
P5.4/XOUT
13
AVSS1
14
P8.0
15
P8.1
16
P8.2
17
DVCC1
18
DVSS1
19
VCORE
20
P3.4/UCA0RXD/UCA0S OMI
41
P3.5/TB0.5
42
P3.6/TB0.6
43
P3.7/TB0OUTH/SVMOUT
44
P4.0PM_UCB1S TE/PM_UCA1CLK
45
P4.1/PM_UCB1SIM O/PM_UCB1SDA
46
P4.2/PM_UCB1S OMI/PM_UCB1SCL
47
P4.3/PM_UCB1CLK/PM_UCA1STE
48
DVSS2
49
DVCC2
50
P4.4/PM_UCA1TXD/PM_UCA1SIMO
51
P4.5/PM_UCA1RXD/PM_UCA1S OMI
52
P4.6/PM_NONE
53
P4.7/PM_NONE
54
P5.6/ TB0.0
55
P5.7/TB0.1
56
P7.4/TB0.2
57
P7.5/TB0.3
58
P7.6/TB0.4
59
P7.7/TB0CLK/MCLK
60
U1
MSP430F5529IPNR
+3.3V
GPIO11/VERE F+
GPIO10/VEREF-
+3.3V
GND
+3.3V
GND
DP
PUR
DM
VBUS
VUSB
V18
GPIO1/I2C(SCL)
GPIO0/I2C(SDA)
GPIO7/PWM0
GPIO6/PWM1/SPI(CS)
GPIO3/PWM2
SDABRD
SCLBRD
+3.3V
GPIO2/SPI(SCLK)
GPIO5/SPI(SOMI)/UART(RXD)
GPIO4/SPI(SIMO)/UART(TXD)
PWM3
I2CPU
EXT5V_EN
EXT5V_FAULT
EXT3.3V_EN
EXT3.3V_FAULT
EFC0/GPIO12/CLOCK
AIN_B_0
AIN_B_1
GPIO9/ADC2
GPIO8/ADC3
30pF
C1
30pF
C2
2200pF
C3
GND
33k
R1
0.1µF
C5
0.1µF
C4
GND
0.1µF
C6
GND
GND
GND
GND
GND
200
R2
J1
Y1
0.47µF
C7
1
50V
Q1
D1
SSF-LXH305GD-TR
Copyright © 2017, Texas Instruments Incorporated
10
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Schematic
Appendix A
SNAU228 – January 2018
USB2ANY Schematic
Figure 9, Figure 10, and Figure 11 illustrate the USB2ANY schematics.
Figure 9. USB2ANY Schematic 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com