Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2ANY Datasheet(PDF) 11 Page - Texas Instruments

Part # USB2ANY
Description  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY Datasheet(HTML) 11 Page - Texas Instruments

Back Button USB2ANY Datasheet HTML 7Page - Texas Instruments USB2ANY Datasheet HTML 8Page - Texas Instruments USB2ANY Datasheet HTML 9Page - Texas Instruments USB2ANY Datasheet HTML 10Page - Texas Instruments USB2ANY Datasheet HTML 11Page - Texas Instruments USB2ANY Datasheet HTML 12Page - Texas Instruments USB2ANY Datasheet HTML 13Page - Texas Instruments USB2ANY Datasheet HTML 14Page - Texas Instruments USB2ANY Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
+3.3V
GND
GND
GND
GND
GND
GND
ADC1
ADC0
AIN_B_0
AIN_B_1
GND
+3.3V
GND
GND
GND
+3.3V
DAC1
DAC0
SCLBRD
SDABRD
GND
+3.3V
VBUS
DM
DP
PUR
VUSB
V18
+3.3V
GND
GND
GND
220pF
C16
GND
GND
1.5k
R14
1.5k
R15
0.1µF
C17
0.1µF
C18
0.1µF
C20
0.15µF
C19
1.00k
R16
1.00k
R19
390
R21
390
R18
DAC5571IDBV
VOUT
1
GND
2
VDD
3
SDA
4
SCL
5
A0
6
U8
S1
EVQ-PSD02K
2
3
4
1
5
J2
33k
R8
33
R4
33
R6
1.5k
1.07Meg
R22
220pF
C10
1.00k
R20
0.15µF
C21
1.00k
R17
IO1
1
IO2
2
GND
3
IO3
4
IO4
5
VCC
6
U3
TPD4E004DRYR
10µF
C9
DAC5571IDBV
VOUT
1
GND
2
VDD
3
SDA
4
SCL
5
A0
6
U6
1
3
2
U7A
TLV2442AIDR
7
5
6
U7B
TLV2442AIDR
Copyright © 2017, Texas Instruments Incorporated
www.ti.com
Appendix A
11
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Schematic
Figure 10. USB2ANY Schematic 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com