Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2ANY Datasheet(PDF) 5 Page - Texas Instruments

Part # USB2ANY
Description  Interface Adapter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB2ANY Datasheet(HTML) 5 Page - Texas Instruments

  USB2ANY Datasheet HTML 1Page - Texas Instruments USB2ANY Datasheet HTML 2Page - Texas Instruments USB2ANY Datasheet HTML 3Page - Texas Instruments USB2ANY Datasheet HTML 4Page - Texas Instruments USB2ANY Datasheet HTML 5Page - Texas Instruments USB2ANY Datasheet HTML 6Page - Texas Instruments USB2ANY Datasheet HTML 7Page - Texas Instruments USB2ANY Datasheet HTML 8Page - Texas Instruments USB2ANY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Power Management
(14)
MSP430F5529
Switchable
12C pullups
(4)
+3.3 V
+5.0 V
DAC1
DAC2
GPIO, 12C, PWM,
and other interfaces
(shared lines)
Analog Inputs
Ext. VREF
Copyright © 2017, Texas Instruments Incorporated
www.ti.com
Overview of Hardware Design
5
SNAU228 – January 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
USB2ANY Interface Adapter
Figure 2. USB2ANY Block Diagram
Figure 3 shows the USB2ANY PCB without the enclosure. One end has three interface connectors that
are typically connected to an EVM (J3, J4, and J5). Connectors J3 and J5 have eight pins and J4 has 10
pins. Most applications will use only J4 because it provides access to the most commonly used interfaces
(see Using the 10-Pin Cable in Connecting the USB2ANY). Alternatively, a 30-pin cable is provided that
connects to all three connectors (J3, J4, and J5) and provides access to all available interface signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com