Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMR21 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # SAMR21
Description  SMART ARM-based Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button SAMR21 Datasheet HTML 6Page - ATMEL Corporation SAMR21 Datasheet HTML 7Page - ATMEL Corporation SAMR21 Datasheet HTML 8Page - ATMEL Corporation SAMR21 Datasheet HTML 9Page - ATMEL Corporation SAMR21 Datasheet HTML 10Page - ATMEL Corporation SAMR21 Datasheet HTML 11Page - ATMEL Corporation SAMR21 Datasheet HTML 12Page - ATMEL Corporation SAMR21 Datasheet HTML 13Page - ATMEL Corporation SAMR21 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
1.
External power.
2.
Embedded Debugger USB.
3.
Target USB.
Info:  External power is required when 500mA from a USB connector is not enough to power
the board with possible extension boards. A connected USB device in a USB host application
might easily exceed this limit.
3.4.
Xplained Pro Headers and Connectors
3.4.1.
Xplained Pro Standard Extension Header
All Xplained Pro kits have one or more dual row, 20-pin, 100mil extension header. Xplained Pro MCU
boards have male headers, while Xplained Pro extensions have their female counterparts. Note that all
pins are not always connected. All connected pins follow the defined pin-out description in the table
below.
The extension headers can be used to connect a variety of Xplained Pro extensions to Xplained Pro MCU
boards or to access the pins of the target MCU on Xplained Pro MCU boards directly.
Table 3-4. Xplained Pro Standard Extension Header
Pin number
Name
Description
1
ID
Communication line to the ID chip on an extension board
2
GND
Ground
3
ADC(+)
Analog to digital converter, alternatively positive part of differential
ADC
4
ADC(-)
Analog to digital converter, alternatively negative part of differential
ADC
5
GPIO1
General purpose I/O
6
GPIO2
General purpose I/O
7
PWM(+)
Pulse width modulation, alternatively positive part of differential
PWM
8
PWM(-)
Pulse width modulation, alternatively negative part of differential
PWM
9
IRQ/GPIO
Interrupt request line and/or general purpose I/O
10
SPI_SS_B/
GPIO
Slave select for SPI and/or general purpose I/O
11
I2C_SDA
Data line for I2C interface. Always implemented, bus type.
12
I2C_SCL
Clock line for I2C interface. Always implemented, bus type.
13
UART_RX
Receiver line of target device UART
14
UART_TX
Transmitter line of target device UART
Atmel SAM R21 Xplained Pro [USER GUIDE]
Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com