Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMR21 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # SAMR21
Description  SMART ARM-based Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button SAMR21 Datasheet HTML 11Page - ATMEL Corporation SAMR21 Datasheet HTML 12Page - ATMEL Corporation SAMR21 Datasheet HTML 13Page - ATMEL Corporation SAMR21 Datasheet HTML 14Page - ATMEL Corporation SAMR21 Datasheet HTML 15Page - ATMEL Corporation SAMR21 Datasheet HTML 16Page - ATMEL Corporation SAMR21 Datasheet HTML 17Page - ATMEL Corporation SAMR21 Datasheet HTML 18Page - ATMEL Corporation SAMR21 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Table 4-5. External 32.768kHz Crystal
Pin on SAM R21
Function
PA00
XIN32
PA01
XOUT32
Table 4-6. External 16MHz Crystal
Pin on SAM R21
Function
XTAL1
XIN
XTAL2
XOUT
4.2.2.
Mechanical Buttons
SAM R21 Xplained Pro contains two mechanical buttons. One button is the RESET button connected to
the SAM R21 reset line and the other is a generic user configurable button. When a button is pressed it
will drive the I/O line to GND.
Table 4-7. Mechanical Buttons
Pin on SAM R21
Silkscreen text
RESETN
RESET
PA28
SW0
4.2.3.
LED
There is one yellow LED available on the SAM R21 Xplained Pro board that can be turned on and off.
The LED can be activated by driving the connected I/O line to GND.
Table 4-8. LED Connections
Pin on SAM R21
LED
PA19
Yellow LED0
4.2.4.
USB
The SAM R21 Xplained Pro has a Micro-USB receptable for use with the SAM R21 USB module. To be
able to detect when a USB cable is connected, a GPIO/ADC is used to detect the VBUS voltage on the
connector.
Table 4-9. USB Connections
Pin on SAM R21
USB
PA07
VBUS Detection
PA24
USB D-
PA25
USB D+
4.2.5.
RF
The main feature of SAM R21 Xplained Pro is to show the RF capability of the ATSAMR21G18A device.
This device has bidirectional 100Ω differential antenna pins, which are fed through a balun (Johanson
Technology, 2450BM15A0015) to create a single 50Ω unbalanced output/input. This kit has a passive
analog RF switch (Skyworks Solutions Inc, AS222-92LF) connected to the unbalanced output of the
Atmel SAM R21 Xplained Pro [USER GUIDE]
Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com