Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMR21 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # SAMR21
Description  SMART ARM-based Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button SAMR21 Datasheet HTML 23Page - ATMEL Corporation SAMR21 Datasheet HTML 24Page - ATMEL Corporation SAMR21 Datasheet HTML 25Page - ATMEL Corporation SAMR21 Datasheet HTML 26Page - ATMEL Corporation SAMR21 Datasheet HTML 27Page - ATMEL Corporation SAMR21 Datasheet HTML 28Page - ATMEL Corporation SAMR21 Datasheet HTML 29Page - ATMEL Corporation SAMR21 Datasheet HTML 30Page - ATMEL Corporation SAMR21 Datasheet HTML 31Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
9.
Document Revision History
Doc. rev.
Date
Comment
42243D
04/2016
Added chapter about connecting SAM-ICE / external debuggers in the
appendix.
42243C
08/2015
Added ERRATA in the known issues chapter, added IAR getting started
chapter.
42243B
06/2014
Fixed RF switch control pin-mapping to be correct and updated the
Agency Certification chapter.
42243A
02/2014
Initial document release.
Atmel SAM R21 Xplained Pro [USER GUIDE]
Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com