Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMR21 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # SAMR21
Description  SMART ARM-based Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button SAMR21 Datasheet HTML 12Page - ATMEL Corporation SAMR21 Datasheet HTML 13Page - ATMEL Corporation SAMR21 Datasheet HTML 14Page - ATMEL Corporation SAMR21 Datasheet HTML 15Page - ATMEL Corporation SAMR21 Datasheet HTML 16Page - ATMEL Corporation SAMR21 Datasheet HTML 17Page - ATMEL Corporation SAMR21 Datasheet HTML 18Page - ATMEL Corporation SAMR21 Datasheet HTML 19Page - ATMEL Corporation SAMR21 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
balun. The switch is driven by the RFCTRL1 and RFCTRL2 pins of the ATSAMR21G18A, which feature
Antenna Diversity to enable the device to automatically select the best signal from two antennas (can also
be selected manually). The output of the switch is connected to a ceramic chip antenna (Johanson
Technology, 2540AT18D0100) and a SMA connector for external antennas.
Table 4-10. RF Connections
Pin on SAM R21
RF
Shared functionality
RFP
RF balanced output (positive)
RFN
RF balanced output (negative)
PA09 / RFCTRL1
RF switch control signal (negative)
EDBG
PA12 / RFCTRL2
RF switch control signal (positive)
EDBG
4.3.
1.8V Operation
The SAM R21 Xplained Pro board is operated at 3.3V by default, but it also has the possibility of running
at lower voltages from an external supply. The EDBG is designed to run from a 3.3V supply and won't
work on other voltages, therefore all connections from the EDBG and the on board 3.3V regulator to the
ATSAMR21G18A have to be removed. Figure 4-1 1.8V Operation Modifications shows all components
that have to be removed for 1.8V operation.
When the components are removed the kit can be supplied with a desired voltage through the pins
marked 3V3 (pin four) and GND (pin two) on the power header described in Xplained Pro Power Header.
To program and debug the ATSAMR21G18A a 2x5 50mil header has to be mounted above EXT1 as
shown in Figure 1-1 SAM R21 Xplained Pro Evaluation Kit Overview.
Note: 
Operating the SAM R21 Xplained Pro on other voltages than 3.3V requires physical modifications on the
kit using a soldering iron and an external debugger for programming the ATSAMR21G18A.
The on board LED is selected for 3.3V operation, the light level at 1.8V operation is very low. To increase
the emitted light level the value of the series resistor can be lowered.
The EDBG functionality can be restored by re-soldering the removed components, they are all 0Ω
resistors.
Important: 
The voltage supplied through the power header is applied directly to the ATSAMR21G18A and
the extension headers. Applying a voltage greater than 3.3V may damage the board
permanently.
Atmel SAM R21 Xplained Pro [USER GUIDE]
Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com