Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMR21 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # SAMR21
Description  SMART ARM-based Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button SAMR21 Datasheet HTML 10Page - ATMEL Corporation SAMR21 Datasheet HTML 11Page - ATMEL Corporation SAMR21 Datasheet HTML 12Page - ATMEL Corporation SAMR21 Datasheet HTML 13Page - ATMEL Corporation SAMR21 Datasheet HTML 14Page - ATMEL Corporation SAMR21 Datasheet HTML 15Page - ATMEL Corporation SAMR21 Datasheet HTML 16Page - ATMEL Corporation SAMR21 Datasheet HTML 17Page - ATMEL Corporation SAMR21 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
4.1.3.
Current Measurement Header
An angled 1x2, 100mil pin-header marked with MCU current measurement is located at the upper edge of
the SAM R21 Xplained Pro. All power to the ATSAMR21G18A is routed through this header. To measure
the power consumption of the device remove the jumper and replace it with an ammeter.
Caution:  Removing the jumper from the pin-header while the kit is powered may cause the
ATSAMR21G18A to be powered through its I/O pins. This may cause permanent damage to the
device.
4.1.4.
Cortex Debug Connector
The Cortex
® debug connector is provided to enable external debuggers to be connected to the
ATSAMR21G18A. The footprint is made for a 2x5 50mil connector and the pinout is shown in the table
below. This header should only be used when the EDBG is disconnected from the target. For more
information, see 1.8V Operation.
Table 4-4. Cortex Debug Connector
Pin on connector
Connected
Function
1
VCC Target
Voltage reference
2
PA31_SWDIO
Debug data
3
GND
GND
4
PA30_SWCLK
Debug clock
5
GND
GND
6
NC
-
7
NC
-
8
NC
-
9
GND
GND detect
10
RESETN
Target reset
4.2.
Peripherals
4.2.1.
Crystal
The SAM R21 Xplained Pro kit contains one crystal that can be used as clock source for the SAM R21
device. The crystal has a cut-strap next to it that can be used to measure the oscillator safety factor. This
is done by cutting the strap and adding a resistor across the strap. More information about oscillator
allowance and safety factor can be found in application note AVR4100.
Note: 
The 16MHz crystal is connected directly to the RF die inside the SAM R21. The clock signal generated by
the crystal is routed from the CLKM pin on the RF die to a GCLK I/O pin on the microcontroller. For more
information on how the RF die is connected to the microcontroller and how to configure the CLKM pin,
see the SAM R21 datasheet.
Atmel SAM R21 Xplained Pro [USER GUIDE]
Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com