Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMR21 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # SAMR21
Description  SMART ARM-based Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 Datasheet(HTML) 4 Page - ATMEL Corporation

  SAMR21 Datasheet HTML 1Page - ATMEL Corporation SAMR21 Datasheet HTML 2Page - ATMEL Corporation SAMR21 Datasheet HTML 3Page - ATMEL Corporation SAMR21 Datasheet HTML 4Page - ATMEL Corporation SAMR21 Datasheet HTML 5Page - ATMEL Corporation SAMR21 Datasheet HTML 6Page - ATMEL Corporation SAMR21 Datasheet HTML 7Page - ATMEL Corporation SAMR21 Datasheet HTML 8Page - ATMEL Corporation SAMR21 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
1.
Introduction
1.1.
Features
•
Atmel ATSAMR21G18A microcontroller
•
Embedded debugger (EDBG)
–
USB interface
–
Programming and debugging on board SAM R21 through Serial Wire Debug (SWD)
–
Virtual COM-port interface to target via UART
–
Atmel Data Gateway Interface (DGI) to target via SPI and TWI
–
Four GPIOs connected to target for code instrumentation
•
Digital I/O
–
Two mechanical buttons (user and reset button)
–
One user LED
–
Two extension headers
•
Antenna
–
One ceramic chip antenna (2450AT18D0100)
–
One SMA connector for external antenna
•
Three possible power sources
–
External power
–
Embedded debugger USB
–
Target USB
•
32kHz crystal
•
16MHz crystal
•
USB interface, device
1.2.
Kit Overview
The Atmel SAM R21 Xplained Pro evaluation kit is a hardware platform to evaluate the Atmel
ATSAMR21G18A.
The kit offers a set of features that enables the ATSAMR21G18A user to get started using the
ATSAMR21G18A peripherals right away and to get an understanding of how to integrate the device in
their own design.
Atmel SAM R21 Xplained Pro [USER GUIDE]
Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com