Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMR21 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # SAMR21
Description  SMART ARM-based Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button SAMR21 Datasheet HTML 8Page - ATMEL Corporation SAMR21 Datasheet HTML 9Page - ATMEL Corporation SAMR21 Datasheet HTML 10Page - ATMEL Corporation SAMR21 Datasheet HTML 11Page - ATMEL Corporation SAMR21 Datasheet HTML 12Page - ATMEL Corporation SAMR21 Datasheet HTML 13Page - ATMEL Corporation SAMR21 Datasheet HTML 14Page - ATMEL Corporation SAMR21 Datasheet HTML 15Page - ATMEL Corporation SAMR21 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
4.
Hardware User Guide
4.1.
Connectors
This chapter describes the implementation of the relevant connectors and headers on SAM R21 Xplained
Pro and their connection to the ATSAMR21G18A. The tables of connections in this chapter also
describes which signals are shared between the headers and on-board functionality.
4.1.1.
Xplained Pro Extension Headers
The SAM R21 Xplained Pro headers EXT1 and EXT3 offer access to the I/O of the microcontroller in
order to expand the board e.g. by connecting extensions to the board. These headers all comply with the
standard Xplained Pro extension header specification. All headers have a pitch of 2.54mm.
Table 4-1. Extension Header EXT1
Pin on EXT1
SAM R21 pin Function
Shared functionality
1 [ID]
-
Communication line to ID chip
on extension board
2 [GND]
-
GND
3 [ADC(+)]
PA06
AIN[6]
4 [ADC(-)]
PA07
AIN[7]
5 [GPIO1]
PA13
GPIO
6 [GPIO2]
PA28
GPIO
7 [PWM(+)]
PA18
TCC0 / WO[2]
8 [PWM(-)]
PA19
TCC0 / WO[3]
9 [IRQ/GPIO]
PA22
EXTINT[6]
10 [SPI_SS_B/GPIO]
PA23
GPIO
11 [TWI_SDA]
PA16
SERCOM1 PAD[0] I²C SDA
EXT3 and EDBG
12 [TWI_SCL]
PA17
SERCOM1 PAD[1] I²C SCL
EXT3 and EDBG
13 [USART_RX]
PA05
SERCOM0 PAD[1] UART RX
EDBG
14 [USART_TX]
PA04
SERCOM0 PAD[0] UART TX
EDBG
15 [SPI_SS_A]
PB03
SERCOM5 PAD[1] SPI SS
16 [SPI_MOSI]
PB22
SERCOM5 PAD[2] SPI MOSI
EXT3 and EDBG
17 [SPI_MISO]
PB02
SERCOM5 PAD[0] SPI MISO
EXT3 and EDBG
18 [SPI_SCK]
PB23
SERCOM5 PAD[3] SPI SCK
EXT3 and EDBG
19 [GND]
-
GND
20 [VCC]
-
VCC
Atmel SAM R21 Xplained Pro [USER GUIDE]
Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com