Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMR21 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # SAMR21
Description  SMART ARM-based Microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button SAMR21 Datasheet HTML 7Page - ATMEL Corporation SAMR21 Datasheet HTML 8Page - ATMEL Corporation SAMR21 Datasheet HTML 9Page - ATMEL Corporation SAMR21 Datasheet HTML 10Page - ATMEL Corporation SAMR21 Datasheet HTML 11Page - ATMEL Corporation SAMR21 Datasheet HTML 12Page - ATMEL Corporation SAMR21 Datasheet HTML 13Page - ATMEL Corporation SAMR21 Datasheet HTML 14Page - ATMEL Corporation SAMR21 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Pin number
Name
Description
15
SPI_SS_A
Slave select for SPI. Should preferably be unique.
16
SPI_MOSI
Master out slave in line of serial peripheral interface. Always
implemented, bus type.
17
SPI_MISO
Master in slave out line of serial peripheral interface. Always
implemented, bus type.
18
SPI_SCK
Clock for serial peripheral interface. Always implemented, bus type.
19
GND
Ground
20
VCC
Power for extension board
3.4.2.
Xplained Pro Power Header
The power header can be used to connect external power to the SAM R21 Xplained Pro kit. The kit will
automatically detect and switch to any external power if supplied. The power header can also be used as
supply for external peripherals or extension boards. Care must be taken not to exceed the total current
limitation of the on-board regulator when using the 3.3V pin.
Table 3-5. Xplained Pro Power Header
Pin number
Pin name
Description
1
VEXT_P5V0
External 5V input
2
GND
Ground
3
VCC_P5V0
Unregulated 5V (output, derived from one of the input sources)
4
VCC_P3V3
Regulated 3.3V (output, used as main power supply for the kit)
Atmel SAM R21 Xplained Pro [USER GUIDE]
Atmel-42243D-SAM-R21-Xplained-Pro_User Guide-04/2016
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com