Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3352 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3352
Description  6-Channel LED Driver for Backlights
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3352 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LP3352 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Preliminary Datasheet
LP3352
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 6 of 10
LP3352 Version 0.2 AUG-2018
Electrical Characteristics (Continued)
(VIN=12V, VEN=VCTRL=3V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
LED Current Regulation
Minimum Regulation Voltage of CHx
600
700
mV
CHx Leakage Current
ILeak_CHx
EN=L, VCHx=20V
3
uA
CHx Maximum Current
ILED_MAX
VIN>2.7, CHx>0.7V
30
mA
ISET Voltage
VISET
1.204
1.229
1.253
V
ISET to ICHx Current Ratio
KISET
ISET=20uA
970
1000
1030
A/A
ICHx Current Accuracy
ILED
ISET=20uA
19.4
20
20.6
mA
ICHx Current Matching
(IMAX-IMIN)/IAVG, ILED=20mA
1
2.5
%
Protection Threshold
VOUT Over Voltage Protection
VO_OVP
Threshold of OVP
38
39
40
V
VOUT Over Voltage Protection
Hysteresis
VO_OVP(H)
1
V
CHx Over Voltage Protection
VCH_OVP
Threshold of OVP
15
17
20
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com