Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3352 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP3352
Description  6-Channel LED Driver for Backlights
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3352 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP3352 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3352 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Preliminary Datasheet
LP3352
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 8 of 10
LP3352 Version 0.2 AUG-2018
Application Information
The LP3352 is designed in a current mode, constant
frequency PWM boost converter. It can use dimming
input that can by external control signal with a duty
ratio of 1%-100% in 100Hz to 30kHz. The LP3352
include a boost converter with a built-in 2.5A/40V
power MOS, six LED string current sink regulators of
up to 30mA per channel, LED string open and short
detection, output over-current protection, over-voltage
protection, and over-temperature protection.
Under Voltage Lockout (UVLO)
The LP3352 had an UVLO internal circuit that enable
the device once the voltage on the VIN voltage
exceeds the UVLO threshold voltage.
Soft Start
To ensure a LED flash and low input inrush current
can be control, the chip features a built-in soft-start
current controller.
Boost Controller
The LP3352 uses 1MHz fixed-frequency, current
mode architecture to fixed the output current. The
output voltage automatically adjusts its voltage to the
LED forward voltage to improve performance.
Boost Over Current Protection
The internal power MOS switch current is monitored
cycle-by-cycle and current limited value not exceed
2.5A(Typ.). When the inductor current exceeds the
current limit, the switching will turns off immediately. It
prevents
large
current
damaging
the
external
component.
Output Over Voltage Protection
The LP3352 converter has an over voltage protection
by VOUT pin. When the LEDs fail open circuit or
LEDs are disconnected from the circuit, the over
voltage function will monitor the output voltage
through VOUT pin to protect the converter. When
LP3352 Output occur OVP, it will close LX function.
LED Current Setting
The LED current is specified by current sense resistor
between the ISET pin to ground. In order to have
accurate
LED
current,
precision
resistors
are
preferred. The LED current can be programmed by:
ILED=( VISET /RISET)x KISET
Dimming Control
The LED brightness is controlled by the PWM signal
at CTRL pin which has different duty cycle. LP3352
can accept an external PWM signal to CTRL pin in the
range of 100Hz to 30kHz.
Input Capacitor Selection
For
better
input
bypassing,
low-ESR
ceramic
capacitors are recommended for performance. A 2
0μF
input capacitor is sufficient for most applications. For a
lower output power requirement application, this value
can be decreased.
Boost Diode Selection
To achieve high efficiency, Schottky diode is good
choice for low forward drop voltage and fast switching
time. The output diode rating should be able to handle
the
maximum
output
voltage,
average
power
dissipation and the pulsating diode peak current.
Output Capacitor Selection
For lower output voltage ripple, low-ESR ceramic
capacitors
are
recommended.
The
tantalum
capacitors can be used as well, but the ESR is bigger
than ceramic capacitor. The output voltage ripple
consists of two components: one is the pulsating
output ripple current flows through the ESR, and the
other is the capacitive ripple caused by charging and
discharging.
VRIPPLE
=V
RIPPLE(ESR)+VRIPPLE(C)
≅I
PEAK×RESR+
IPEAK
COUT
VOUT-VIN
VOUT×FOSC
Inductor Selection
For a better efficiency in high switching frequency
converter, the inductor selection has to use a proper
core material such as ferrite core to reduce the core
loss and choose low ESR wire to reduce copper loss.
The most important point is to prevent the core
saturated when handling the maximum peak current.
Using a shielded inductor can minimize radiated noise
in sensitive applications. The maximum peak inductor
current is the maximum input current plus the half of
inductor ripple current. The calculated peak current
has to be smaller than the current limitation in the
electrical
characteristics.
Depending
on
the
application, the recommended inductor value is
between 4.7
μH to 10μH.
Over Temperature Protection
The
LP3352
device
enters
over
temperature
protection(OTP) if its junction temperature exceeds
160°C (Typ.). During over temperature protection
none of the device's functions are available. To
resume normal operation the junction temperature
need cool down, and the outputs will restart.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com